Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08JS8 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC9S08JS8
Description  Technical Data
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08JS8 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC9S08JS8 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08JS8 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08JS8 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08JS8 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08JS8 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08JS8 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08JS8 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08JS8 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08JS8 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
MC9S08JS16 Series MCU Data Sheet, Rev. 4
Electrical Characteristics
Freescale Semiconductor
8
PD = Pint + PI/OPint = IDD × VDD, Watts — chip internal power
PI/O = Power dissipation on input and output pins — user determined
For most applications, PI/O << Pint and can be neglected. An approximate relationship between PD and TJ
(if PI/O is neglected) is:
PD = K ÷ (TJ + 273°C)
Eqn. 2
Solving Equation 1 and Equation 2 for K gives:
K = PD × (TA + 273°C) + θJA × (PD)
2
Eqn. 3
where K is a constant pertaining to the particular part. K can be determined from Equation 3 by measuring
PD (at equilibrium) for a known TA. Using this value of K, the values of PD and TJ can be obtained by
solving Equation 1 and Equation 2 iteratively for any value of TA.
3.4
Electrostatic Discharge (ESD) Protection Characteristics
Although damage from static discharge is much less common on these devices than on early CMOS
circuits, normal handling precautions must be used to avoid exposure to static discharge. Qualification
tests are performed to ensure that these devices can withstand exposure to reasonable levels of static
without suffering any permanent damage. This device was qualified to AEC-Q100 Rev E. A device is
considered to have failed if, after exposure to ESD pulses, the device no longer meets the device
specification requirements. Complete DC parametric and functional testing is performed per the applicable
device specification at room temperature followed by hot temperature, unless specified otherwise in the
device specification.
3.5
DC Characteristics
This section includes information about power supply requirements, I/O pin characteristics, and power
supply current in various operating modes.
Table 5. ESD Protection Characteristics
Parameter
Symbol
Value
Unit
ESD Target for Machine Model (MM) — MM circuit
description
VTHMM
200
V
ESD Target for Human Body Model (HBM) — HBM
circuit description
VTHHBM
2000
V
Table 6. DC Characteristics
Num C
Parameter
Symbol
Min
Typical1
Max
Unit
1
Operating voltage2
—
2.7
—
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com