Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08JS8 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC9S08JS8
Description  Technical Data
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08JS8 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC9S08JS8 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08JS8 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08JS8 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08JS8 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08JS8 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08JS8 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08JS8 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08JS8 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08JS8 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Document Number: MC9S08JS16
Rev. 4, 4/2009
© Freescale Semiconductor, Inc., 2008-2009. All rights reserved.
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MC9S08JS16
Features:
• 8-Bit HCS08 Central Processor Unit (CPU)
– 48 MHz HCS08 CPU (central processor unit)
– 24 MHz internal bus frequency
– Support for up to 32 interrupt/reset sources
• Memory Options
– Up to 16 KB of on-chip in-circuit programmable flash
memory with block protection and security options
– Up to 512 bytes of on-chip RAM
– 256 bytes of USB RAM
• Clock Source Options
– Clock source options include crystal, resonator, external
clock
– MCG (multi-purpose clock generator) — PLL and FLL;
internal reference clock with trim adjustment
• System Protection
– Optional computer operating properly (COP) reset with
option to run from independent 1 kHz internal clock
source or the bus clock
– Low-voltage detection
– Illegal opcode detection with reset
– Illegal address detection with reset
• Power-Saving Modes
– Wait plus two stops
• USB Bootload
– Mass erase entire flash array
– Partial erase flash array — erase all flash blocks except
for the first 1 KB of flash
– Program flash
• Peripherals
– USB — USB 2.0 full-speed (12 Mbps) with dedicated
on-chip 3.3 V regulator and transceiver; supports
endpoint 0 and up to 6 additional endpoints
– SPI — One 8- or 16-bit selectable serial peripheral
interface module with a receive data buffer hardware
match function
– SCI — One serial communications interface module
with optional 13 bit break. Full duplex non-return to zero
(NRZ); LIN master extended break generation; LIN
slave extended break detection; wakeup on active edge
– MTIM — One 8-bit modulo counter with 8-bit prescaler
and overflow interrupt
– TPM — One 2-channel 16-bit timer/pulse-width
modulator (TPM) module; selectable input capture,
output compare, and edge-aligned PWM capability on
each channel; timer module may be configured for
buffered, centered PWM (CPWM) on all channels
– KBI — 8-pin keyboard interrupt module
– RTC — Real-time counter with binary- or
decimal-based prescaler
– CRC — Hardware CRC generator circuit using 16-bit
shift register; CRC16-CCITT compliancy with
x16+x12+x5+1 polynomial
• Input/Output
– Software selectable pullups on ports when used as inputs
– Software selectable slew rate control on ports when used
as outputs
– Software selectable drive strength on ports when used as
outputs
– Master reset pin and power-on reset (POR)
– Internal pullup on RESET, IRQ, and BKGD/MS pins to
reduce customer system cost
• Package Options
– 24-pin quad flat no-lead (QFN)
– 20-pin small outline IC package (SOIC)
MC9S08JS16 Series
Covers:
MC9S08JS16
MC9S08JS8
MC9S08JS16L
MC9S08JS8L
20 W-SOIC
Case 751D
24 QFN
Case 1982-01
TBD


Similar Part No. - MC9S08JS8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S08JS16 NXP-MC9S08JS16 Datasheet
2Mb / 138P
Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08JS16 NXP-MC9S08JS16 Datasheet
958Kb / 42P
Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08JS16 NXP-MC9S08JS16 Datasheet
6Mb / 352P
Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08JS16 NXP-MC9S08JS16 Datasheet
778Kb / 35P
Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08JS16 NXP-MC9S08JS16 Datasheet
4Mb / 326P
Addendum for New QFN Package Migration
12/2006 Rev 2
More results

Similar Description - MC9S08JS8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
Technical Data
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
TECHNICAL DATA
logo
OPTEK Technologies
OPV314 OPTEK-OPV314 Datasheet
341Kb / 4P
Technical Data
Sep-2003
logo
Freescale Semiconductor...
MPC5200BDS FREESCALE-MPC5200BDS Datasheet
977Kb / 72P
Technical Data
logo
KODENSHI_AUK CORP.
KK2814 KODENSHI-KK2814 Datasheet
123Kb / 2P
TECHNICAL DATA
logo
Freescale Semiconductor...
MC9S08LL64 FREESCALE-MC9S08LL64 Datasheet
884Kb / 44P
Technical Data
MC705C8ACPE FREESCALE-MC705C8ACPE Datasheet
1Mb / 222P
Technical Data
MC68HC705C8A FREESCALE-MC68HC705C8A_13 Datasheet
1Mb / 222P
Technical Data
MC68HC705J1A FREESCALE-MC68HC705J1A_13 Datasheet
1Mb / 162P
Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A_13 Datasheet
2Mb / 460P
Technical Data
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com