Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8565TS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA8565TS
Description  Real time clock/calendar
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8565TS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA8565TS Datasheet HTML 5Page - NXP Semiconductors PCA8565TS Datasheet HTML 6Page - NXP Semiconductors PCA8565TS Datasheet HTML 7Page - NXP Semiconductors PCA8565TS Datasheet HTML 8Page - NXP Semiconductors PCA8565TS Datasheet HTML 9Page - NXP Semiconductors PCA8565TS Datasheet HTML 10Page - NXP Semiconductors PCA8565TS Datasheet HTML 11Page - NXP Semiconductors PCA8565TS Datasheet HTML 12Page - NXP Semiconductors PCA8565TS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
PCA8565_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 16 June 2009
9 of 39
NXP Semiconductors
PCA8565
Real time clock/calendar
[1]
Values shown in decimal.
[1]
Values shown in decimal.
[1]
The PCA8565 compensates for leap years by adding a 29th day to February if the year counter contains a
value which is exactly divisible by 4, including the year 00.
[2]
Values shown in decimal.
[1]
Values shown in decimal.
Table 9.
Seconds coded in BCD format
Seconds value in
decimal
Upper-digit (ten’s place)
Digit (unit place)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
0000000
01
0000001
02
0000010
:
09
0001001
10
0010000
:
58
1011000
59
1011001
Table 10.
Register Minutes (address 03h) bits description
Bit
Symbol
Value
Place value Description
7
-
-
-
unused
6 to 4 MINUTES
0 to 5[1]
ten’s place
actual minutes coded in BCD format
3 to 0
0 to 9[1]
unit place
Table 11.
Register Hours (address 04h) bits description
Bit
Symbol
Value
Place value Description
7 to 6 -
-
-
unused
5 to 4 HOURS
0 to 2[1]
ten’s place
actual hours coded in BCD format
3 to 0
0 to 9[1]
unit place
Table 12.
Register Days (address 05h) bits description
Bit
Symbol
Value
Place value Description
7 to 6 -
-
-
unused
5to4 DAYS[1]
0to3[2]
ten’s place
actual day coded in BCD format
3 to 0
0 to 9[2]
unit place
Table 13.
Register Weekdays (address 06h) bits description
Bit
Symbol
Value
Description
7 to 3 -
-
unused
2 to 0 WEEKDAYS
0 to 6[1]
actual weekday values, see Table 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com