Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8565TS Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA8565TS
Description  Real time clock/calendar
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8565TS Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA8565TS Datasheet HTML 9Page - NXP Semiconductors PCA8565TS Datasheet HTML 10Page - NXP Semiconductors PCA8565TS Datasheet HTML 11Page - NXP Semiconductors PCA8565TS Datasheet HTML 12Page - NXP Semiconductors PCA8565TS Datasheet HTML 13Page - NXP Semiconductors PCA8565TS Datasheet HTML 14Page - NXP Semiconductors PCA8565TS Datasheet HTML 15Page - NXP Semiconductors PCA8565TS Datasheet HTML 16Page - NXP Semiconductors PCA8565TS Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
PCA8565_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 16 June 2009
13 of 39
NXP Semiconductors
PCA8565
Real time clock/calendar
9.6.1 Alarm registers
[1]
Default value.
[2]
Values shown in decimal.
[1]
Default value.
[2]
Values shown in decimal.
[1]
Default value.
[2]
Values shown in decimal.
[1]
Default value.
[2]
Values shown in decimal.
9.6.2 Alarm flag
When all enabled comparisons first match, the Alarm Flag (AF) is set. AF will remain set
until cleared using the interface. Once AF has been cleared it is only set again when
the time increments to match the alarm condition once more.
Table 18.
Register Minute_alarm (address 09h) bits description
Bit
Symbol
Value
Place value Description
7
AE_M
0
-
minute alarm is enabled
1[1]
-
minute alarm is disabled
6 to 4 MINUTE_ALARM
0 to 5[2]
ten’s place
minute alarm information coded in BCD
format
3 to 0
0 to 9[2]
unit place
Table 19.
Register Hour_alarm (address 0Ah) bits description
Bit
Symbol
Value
Place value Description
7
AE_H
0
-
hour alarm is enabled
1[1]
-
hour alarm is disabled
6
-
-
-
unused
5 to 4 HOUR_ALARM
0 to 2[2]
ten’s place
hour alarm information coded in BCD
format
3 to 0
0 to 9[2]
unit place
Table 20.
Register Day_alarm (address 0Bh) bits description
Bit
Symbol
Value
Place value Description
7
AE_D
0
-
day alarm is enabled
1[1]
-
day alarm is disabled
6
-
-
-
unused
5 to 4 DAY_ALARM
0 to 3[2]
ten’s place
day alarm information coded in BCD
format
3 to 0
0 to 9[2]
unit place
Table 21.
Register Weekday_alarm (address 0Ch) bits description
Bit
Symbol
Value
Description
7
AE_W
0
weekday alarm is enabled
1[1]
weekday alarm is disabled
6 to 3 -
-
unused
2 to 0 WEEKDAY_ALARM 0 to 6[2]
weekday alarm information coded in BCD format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com