Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9538D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9538D
Description  8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9538D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9538D Datasheet HTML 9Page - NXP Semiconductors PCA9538D Datasheet HTML 10Page - NXP Semiconductors PCA9538D Datasheet HTML 11Page - NXP Semiconductors PCA9538D Datasheet HTML 12Page - NXP Semiconductors PCA9538D Datasheet HTML 13Page - NXP Semiconductors PCA9538D Datasheet HTML 14Page - NXP Semiconductors PCA9538D Datasheet HTML 15Page - NXP Semiconductors PCA9538D Datasheet HTML 16Page - NXP Semiconductors PCA9538D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
PCA9538_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 28 May 2009
13 of 28
NXP Semiconductors
PCA9538
8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
8.
Limiting values
9.
Static characteristics
Table 8.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+6.0
V
II
input current
-
±20
mA
VI/O
voltage on an input/output pin
VSS − 0.5
5.5
V
IO(IOn)
output current on pin IOn
-
±50
mA
IDD
supply current
-
85
mA
ISS
ground supply current
-
100
mA
Ptot
total power dissipation
-
200
mW
Tstg
storage temperature
−65
+150
°C
Tamb
ambient temperature
operating
−40
+85
°C
Tj(max)
maximum junction temperature
-
+125
°C
Table 9.
Static characteristics
VDD = 2.3 V to 5.5 V; VSS =0V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
2.3
-
5.5
V
IDD
supply current
operating mode; VDD = 5.5 V;
no load; fSCL = 100 kHz
-
104
175
µA
IstbL
LOW-level standby current
Standby mode; VDD = 5.5 V;
no load; VI =VSS;
fSCL = 0 kHz; I/O = inputs
-
0.25
1
µA
IstbH
HIGH-level standby current
Standby mode; VDD = 5.5 V;
no load; VI =VDD;
fSCL = 0 kHz; I/O = inputs
-
0.25
1
µA
VPOR
power-on reset voltage
no load; VI =VDD or VSS
[1] -
1.5
1.65
V
Input SCL; input/output SDA
VIL
LOW-level input voltage
−0.5
-
+0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-
5.5
V
IOL
LOW-level output current
VOL = 0.4 V
3
7
-
mA
IL
leakage current
VI =VDD =VSS
−1-
+1
µA
Ci
input capacitance
VI =VSS
-
5
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com