Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9538D Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA9538D
Description  8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9538D Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA9538D Datasheet HTML 12Page - NXP Semiconductors PCA9538D Datasheet HTML 13Page - NXP Semiconductors PCA9538D Datasheet HTML 14Page - NXP Semiconductors PCA9538D Datasheet HTML 15Page - NXP Semiconductors PCA9538D Datasheet HTML 16Page - NXP Semiconductors PCA9538D Datasheet HTML 17Page - NXP Semiconductors PCA9538D Datasheet HTML 18Page - NXP Semiconductors PCA9538D Datasheet HTML 19Page - NXP Semiconductors PCA9538D Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
PCA9538_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 28 May 2009
16 of 28
NXP Semiconductors
PCA9538
8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Fig 14. Definition of timing
tSP
tBUF
tHD;STA
P
P
S
tLOW
tr
tHD;DAT
tf
tHIGH
tSU;DAT
tSU;STA
Sr
tHD;STA
tSU;STO
SDA
SCL
002aaa986
Rise and fall times refer to VIL and VIH.
Fig 15. I2C-bus timing diagram
SCL
SDA
tHD;STA
tSU;DAT
tHD;DAT
tf
tBUF
tSU;STA
tLOW
tHIGH
tVD;ACK
002aab285
tSU;STO
protocol
START
condition
(S)
bit 7
MSB
(A7)
bit 6
(A6)
bit 1
(D1)
bit 0
(D0)
1 / fSCL
tr
tVD;DAT
acknowledge
(A)
STOP
condition
(P)
Fig 16. Definition of RESET timing
SDA
SCL
002aad732
trst
50 %
30 %
50 %
50 %
50 %
trec(rst)
tw(rst)
RESET
IOn
after reset,
I/Os reconfigured
as inputs
START
trst
ACK or read cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com