Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9541APW/01 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9541APW/01
Description  2-to-1 I2C-bus master selector with interrupt logic and reset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9541APW/01 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9541APW/01 Datasheet HTML 17Page - NXP Semiconductors PCA9541APW/01 Datasheet HTML 18Page - NXP Semiconductors PCA9541APW/01 Datasheet HTML 19Page - NXP Semiconductors PCA9541APW/01 Datasheet HTML 20Page - NXP Semiconductors PCA9541APW/01 Datasheet HTML 21Page - NXP Semiconductors PCA9541APW/01 Datasheet HTML 22Page - NXP Semiconductors PCA9541APW/01 Datasheet HTML 23Page - NXP Semiconductors PCA9541APW/01 Datasheet HTML 24Page - NXP Semiconductors PCA9541APW/01 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
PCA9541A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 16 July 2009
21 of 41
NXP Semiconductors
PCA9541A
2-to-1 I2C-bus master selector with interrupt logic and reset
9.5 Bus transactions
Remark: If a third data byte is sent, it will not be acknowledged by the PCA9541A.
Remark: If a fourth data byte is read, the first register will be accessed.
Fig 13. Write to the Interrupt Enable and Control registers using the Auto-Increment (AI) bit
002aab607
1
1
1 A3 A2 A1 A0 0
slave address
R/W
S
START condition
A
acknowledge
from slave
00010000
command code register
auto
increment
A
acknowledge
from slave
A
P
STOP
condition
A
acknowledge
from slave
acknowledge
from slave
data
Interrupt Enable (IE)
register
data control register
(CONTROL)
(1) xx = 00: Interrupt Enable register
xx = 01: Control register
xx = 10: INT register
(2) xx = 00: Control register
xx = 01: INT register
xx = 10: Interrupt Enable register
(3) xx = 00: INT register
xx = 01: Interrupt Enable register
xx = 10: Control register
Fig 14. Read the 3 registers using the Auto-Increment (AI) bit
002aab608
1
1
1 A3 A2 A1 A0 0
slave address
R/W
S
START condition
A
acknowledge
from slave
000100
x
x
command code register
access to register
xx = 00, 01, or 10
auto
increment
A
acknowledge
from slave
A
P
STOP
condition
A
no acknowledge
from master
acknowledge
from master
(1)
(2)
Sr
re-START
condition
1
1
1 A3 A2 A1 A0 1
slave address
R/W
A
acknowledge
from slave
A
acknowledge
from master
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com