Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9541APW/01 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9541APW/01
Description  2-to-1 I2C-bus master selector with interrupt logic and reset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9541APW/01 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9541APW/01 Datasheet HTML 4Page - NXP Semiconductors PCA9541APW/01 Datasheet HTML 5Page - NXP Semiconductors PCA9541APW/01 Datasheet HTML 6Page - NXP Semiconductors PCA9541APW/01 Datasheet HTML 7Page - NXP Semiconductors PCA9541APW/01 Datasheet HTML 8Page - NXP Semiconductors PCA9541APW/01 Datasheet HTML 9Page - NXP Semiconductors PCA9541APW/01 Datasheet HTML 10Page - NXP Semiconductors PCA9541APW/01 Datasheet HTML 11Page - NXP Semiconductors PCA9541APW/01 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
PCA9541A_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 16 July 2009
8 of 41
NXP Semiconductors
PCA9541A
2-to-1 I2C-bus master selector with interrupt logic and reset
• During a write operation, the PCA9541A will acknowledge bytes sent to the IE and
CONTROL registers, but will not acknowledge a byte sent to the Interrupt Status
Register since it is a read-only register. The 2 LSBs of the Command Code do not roll
over to 00b but stay at 10b.
Only the 2 least significant bits are affected by the AI flag.
Unused bits must be programmed with zeros. Any command code (write operation)
different from ‘000AI 0000’, ‘000AI 0001’, and ‘000AI 0010’ will not be acknowledged. At
power-up, this register defaults to all zeros.
Each system master controls its own set of registers, however they can also read specific
bits from the other system master.
8.3 Interrupt Enable and Control registers description
When a master seeks control of the bus by connecting its I2C-bus channel to the
PCA9541A downstream channel, it has to write to the CONTROL register (Reg#01).
Bits MYBUS and BUSON allow the master to take control of the bus.
The MYBUS and the NMYBUS bits determine which master has control of the bus.
Table 9 explains which master gets control of the bus and how. There is no arbitration. Any
master can take control of the bus when it wants regardless of whether the other master is
using it or not.
The BUSON and the NBUSON bits determine whether the upstream bus is connected or
disconnected to/from the downstream bus. Table 10 explains when the upstream bus is
connected or disconnected.
Internally, the state machine does the following:
• If the combination of the BUSON and the NBUSON bits causes the upstream to be
disconnected from the downstream bus, then that is done. So in this case, the values
of the MYBUS and the NMYBUS do not matter.
Table 4.
Command Code register
B1
B0
Register name
Type
Register function
0
0
IE
R/W
interrupt enable
0
1
CONTROL
R/W
control switch
1
0
ISTAT
R only
interrupt status
1
1
not allowed
Fig 7.
Internal register map
002aae660
IE 0
CONTROL 0
ISTAT 0
IE 1
CONTROL 1
ISTAT 1
PCA9541A
REG#00
REG#01
REG#10
IE
CONTROL
ISTAT
MASTER 0
SCL_MST0
SDA_MST0
REG#00
REG#01
REG#10
IE
CONTROL
ISTAT
MASTER 1
SCL_MST1
SDA_MST1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com