Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LVR005 Datasheet(PDF) 4 Page - Tyco Electronics

Part # LVR005
Description  PolySwitch Resettable Devices
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LVR005 Datasheet(HTML) 4 Page - Tyco Electronics

  LVR005 Datasheet HTML 1Page - Tyco Electronics LVR005 Datasheet HTML 2Page - Tyco Electronics LVR005 Datasheet HTML 3Page - Tyco Electronics LVR005 Datasheet HTML 4Page - Tyco Electronics LVR005 Datasheet HTML 5Page - Tyco Electronics LVR005 Datasheet HTML 6Page - Tyco Electronics LVR005 Datasheet HTML 7Page - Tyco Electronics LVR005 Datasheet HTML 8Page - Tyco Electronics LVR005 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Table R2 - Thermal Derating for Radial-leaded Devices [Hold Current (A) at Ambient Temperature (°C)]
Maximum Ambient Temperature
-40°C
-20°C
0°C
20°C
25°C40°C50°C60°C70°C85°C
125°C
Part Number
RXEF
72V
RXEF110
1.71
1.50
1.31
1.10
1.06
0.89
0.79
0.69
0.59
0.44
RXEF135
2.09
1.84
1.61
1.35
1.30
1.09
0.97
0.85
0.73
0.54
RXEF160
2.48
2.18
1.90
1.60
1.54
1.30
1.15
1.01
0.86
0.64
RXEF185
2.87
2.52
2.20
1.85
1.78
1.50
1.33
1.17
1.00
0.74
RXEF250
3.88
3.40
2.98
2.50
2.40
2.03
1.80
1.58
1.35
1.00
RXEF300
4.65
4.08
3.57
3.00
2.88
2.43
2.16
1.89
1.62
1.20
RXEF375
5.81
5.10
4.46
3.75
3.60
3.04
2.70
2.36
2.03
1.50
RTEF
33V
RTEF120
1.74
1.56
1.38
1.20
1.16
1.00
0.92
0.82
0.73
0.60
RTEF135
1.96
1.76
1.55
1.35
1.31
1.12
1.04
0.92
0.82
0.68
RTEF190
2.76
2.47
2.19
1.90
1.84
1.58
1.50
1.29
1.16
0.95
RUEF
30V
RUEF090
1.31
1.17
1.04
0.90
0.87
0.75
0.69
0.61
0.55
0.47
RUEF110
1.60
1.43
1.27
1.10
1.07
0.91
0.85
0.75
0.67
0.57
RUEF135
1.96
1.76
1.55
1.35
1.31
1.12
1.04
0.92
0.82
0.70
RUEF160
2.32
2.08
1.84
1.60
1.55
1.33
1.23
1.09
0.98
0.83
RUEF185
2.68
2.41
2.13
1.85
1.79
1.54
1.42
1.26
1.13
0.96
RUEF250
3.63
3.25
2.88
2.5
2.43
2.08
1.93
1.70
1.53
1.30
RUEF300
4.35
3.90
3.45
3.0
2.91
2.49
2.31
2.04
1.83
1.56
RUEF400
5.80
5.20
4.60
4.0
3.88
3.32
3.08
2.72
2.44
2.08
RUEF500
7.25
6.50
5.75
5.0
4.85
4.15
3.85
3.40
3.05
2.60
RUEF600
8.70
7.80
6.90
6.0
5.82
4.98
4.62
4.08
3.66
3.12
RUEF700
10.15
9.10
8.05
7.0
6.79
5.81
5.39
4.76
4.27
3.64
RUEF800
11.60
10.40
9.20
8.0
7.76
6.64
6.16
5.44
4.88
4.16
RUEF900
13.05
11.70
10.35
9.0
8.73
7.47
6.93
6.12
5.49
4.68
RHEF
30V - High Temperature
RHEF050
0.68
0.62
0.56
0.51
0.5
0.44
0.40
0.36
0.34
0.28
0.12
RHEF070
0.95
0.87
0.79
0.72
0.7
0.62
0.56
0.51
0.47
0.39
0.17
RHEF100
1.36
1.24
1.13
1.03
1.00
0.89
0.80
0.73
0.67
0.56
0.24
RUSBF
16V
RUSBF090
1.31
1.17
1.04
0.90
0.87
0.75
0.69
0.61
0.55
0.47
RUSBF110
1.60
1.43
1.27
1.10
1.07
1.00
0.92
0.75
0.67
0.57
RUSBF135
1.96
1.76
1.55
1.35
1.31
1.12
1.04
0.92
0.82
0.70
RUSBF160
2.32
2.08
1.84
1.60
1.55
1.33
1.23
1.09
0.98
0.83
RUSBF185
2.68
2.41
2.13
1.85
1.79
1.54
1.42
1.26
1.13
0.96
RUSBF250
3.63
3.25
2.88
2.50
2.43
2.08
1.93
1.70
1.53
1.30
RGEF
16V - High Temperature
RGEF250
3.7
3.3
3.0
2.6
2.5
2.2
2.0
1.3
1.6
1.2
RGEF300
4.4
4.0
3.6
3.1
3.0
2.6
2.4
2.1
1.9
1.4
RGEF400
5.9
5.3
4.8
4.1
4.0
3.5
3.2
2.8
2.5
1.9
RGEF500
7.3
6.6
6.0
5.2
5.0
4.4
4.0
3.6
3.1
2.4
RGEF600
8.8
8.0
7.2
6.2
6.0
5.2
4.8
4.2
3.8
2.8
RGEF700
10.3
9.3
8.4
7.3
7.0
6.2
5.6
5.0
4.4
3.3
RGEF800
11.7
10.7
9.6
8.3
8.0
6.9
6.4
5.6
5.1
3.7
RGEF900
13.2
11.9
10.7
9.4
9.0
7.9
7.2
6.4
5.6
4.2
RGEF1000
14.7
13.3
12.0
10.3
10.0
8.7
8.0
7.0
6.3
4.7
RGEF1100
16.1
14.6
13.1
11.5
11.0
9.7
8.8
7.8
6.9
5.2
RGEF1200
17.6
16.0
14.4
12.4
12.0
10.4
9.6
8.4
7.6
5.6
RGEF1400
20.5
18.7
16.8
14.5
14.0
12.1
11.2
9.8
8.9
6.5
RHEF
16V - High Temperature
RHEF200
2.71
2.49
2.26
2.06
2.00
1.77
1.60
1.46
1.34
1.11
0.49
RHEF300
4.07
3.74
3.41
3.09
3.00
2.65
2.40
2.21
2.00
1.66
0.74
RHEF400
5.57
5.11
4.65
4.22
4.00
3.62
3.29
3.01
2.73
2.27
1.01
RHEF450
6.10
5.60
5.10
4.60
4.50
4.00
3.60
3.30
3.00
2.50
1.10
RHEF550
7.47
6.86
6.24
5.66
5.50
4.85
4.41
4.04
3.66
3.05
1.36
RHEF600
8.20
7.50
6.80
6.20
6.00
5.30
4.90
4.40
4.00
3.30
1.50
Cont'd
...
113
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com