Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUMH2 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PUMH2
Description  NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PUMH2 Datasheet(HTML) 1 Page - NXP Semiconductors

  PUMH2 Datasheet HTML 1Page - NXP Semiconductors PUMH2 Datasheet HTML 2Page - NXP Semiconductors PUMH2 Datasheet HTML 3Page - NXP Semiconductors PUMH2 Datasheet HTML 4Page - NXP Semiconductors PUMH2 Datasheet HTML 5Page - NXP Semiconductors PUMH2 Datasheet HTML 6Page - NXP Semiconductors PUMH2 Datasheet HTML 7Page - NXP Semiconductors PUMH2 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product data sheet
Supersedes data of 2003 Oct 02
2004 Apr 14
DISCRETE SEMICONDUCTORS
PEMH2; PUMH2
NPN/NPN resistor-equipped
transistors; R1 = 47 k
Ω, R2 = 47 kΩ


Similar Part No. - PUMH2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMH2 PHILIPS-PUMH2 Datasheet
53Kb / 8P
NPN resistor-equipped double transistor
1999 Aug 03
PUMH2 PHILIPS-PUMH2 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PUMH2 NEXPERIA-PUMH2 Datasheet
912Kb / 15P
NPN/NPN resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 5 - 5 December 2011
PUMH2-Q NEXPERIA-PUMH2-Q Datasheet
1Mb / 12P
50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ
8 October 2021
logo
NXP Semiconductors
PUMH20 PHILIPS-PUMH20 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
More results

Similar Description - PUMH2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144E NXP-PDTC144E Datasheet
188Kb / 14P
NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 17
PEMD12 NXP-PEMD12 Datasheet
147Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 08
PEMD48 NXP-PEMD48 Datasheet
126Kb / 12P
NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓 and R1 = 2.2 k廓, R2 = 47 k廓
Rev. 05-13 April 2010
PEMH10 NXP-PEMH10 Datasheet
144Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2003 Oct 20
PDTC144EMB PHILIPS-PDTC144EMB_15 Datasheet
725Kb / 11P
NPN resistor-equipped transistor; R1 = 47 k廓, R2 = 47 k廓
Rev. 1-11 June 2012
PDTC144W PHILIPS-PDTC144W_15 Datasheet
189Kb / 14P
NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PEMH17_PUMH17 PHILIPS-PEMH17_PUMH17_15 Datasheet
282Kb / 9P
NPN/NPN resistor-equipped transistors R1 = 47 k廓, R2 = 22 k廓
Rev. 03-15 November 2009
logo
Nexperia B.V. All right...
PDTC144EMB NEXPERIA-PDTC144EMB Datasheet
966Kb / 12P
NPN resistor-equipped transistor; R1 = 47 k廓, R2 = 47 k廓
PQMH2 NEXPERIA-PQMH2 Datasheet
708Kb / 14P
NPN/NPN resistor-equipped transistors;R1 = 47 k廓, R2 = 47 k廓
PQMH13 NEXPERIA-PQMH13 Datasheet
708Kb / 14P
NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com