Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G08 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # 74LVC1G08
Description  SINGLE 2 INPUT POSITIVE AND GATE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G08 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button 74LVC1G08 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G08 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G08 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G08 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G08 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G08 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G08 Datasheet HTML 9Page - Diodes Incorporated 74LVC1G08 Datasheet HTML 10Page - Diodes Incorporated 74LVC1G08 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
74LVC1G08
SINGLE 2 INPUT POSITIVE AND GATE
74LVC1G08
Document number: DS32199 Rev. 1 - 2
8 of 11
www.diodes.com
May 2010
© Diodes Incorporated
Parameter Measurement Information (Continued)
Vcc
Inputs
VM
CL
RL
VI
tr/tf
1.8V±0.15V
VCC
≤2ns
VCC/2
30pF
1K
Ω
2.5V±0.2V
VCC
≤2ns
VCC/2
30pF
500
Ω
3.3V±0.3V
3V
≤2.5ns
1.5V
50pF
500
Ω
5V±0.5V
VCC
≤2.5ns
VCC/2
50pF
500
Ω
Voltage Waveform Pulse Duration
Voltage Waveform Propagation Delay Times
Inverting and Non Inverting Outputs
Figure 2. Load Circuit and Voltage Waveforms
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate
≤ 10 MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLH and tPHL are the same as tPD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com