Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G08 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 74LVC1G08
Description  SINGLE 2 INPUT POSITIVE AND GATE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G08 Datasheet(HTML) 1 Page - Diodes Incorporated

  74LVC1G08 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G08 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G08 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G08 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G08 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G08 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G08 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G08 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G08 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
74LVC1G08
SINGLE 2 INPUT POSITIVE AND GATE
74LVC1G08
Document number: DS32199 Rev. 1 - 2
1 of 11
www.diodes.com
May 2010
© Diodes Incorporated
Description
The 74LVC1G08 is a single 2-input positive AND gate with a
standard totem pole output. The device is designed for
operation with a power supply range of 1.65V to 5.5V. The
inputs are tolerant to 5.5V allowing this device to be used in a
mixed voltage environment. The device is fully specified for
partial power down applications using IOFF. The IOFF circuitry
disables the output preventing damaging current backflow
when the device is powered down.
The gate performs the positive Boolean function:
B
A
Y
•
=
or
B
A
Y
+
=
Pin Assignments
SOT25 / SOT353
A
GND
Y
Vcc
(Top View)
5
4
3
2
1
B
Features
•
Wide Supply Voltage Range from 1.65 to 5.5V
•
± 24mA Output Drive at 3.3V
•
CMOS low power consumption
•
IOFF Supports Partial-Power-Down Mode Operation
•
Inputs accept up to 5.5V
•
ESD Protection Exceeds JESD 22
•
200-V Machine Model (A115-A)
•
2000-V Human Body Model (A114-A)
•
Latch-Up Exceeds 100mA per JESD 78, Class II
•
Range of Package Options
•
Direct Interface with TTL Levels
•
SOT25 and SOT353: Assembled with “Green” Molding
Compound (no Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
Applications
•
Voltage Level Shifting
•
General Purpose Logic
•
Wide array of products such as.
•
PCs, networking, notebooks, netbooks, PDAs
•
Computer peripherals, hard drives, CD/DVD ROM
•
TV, DVD, DVR, set top box
•
Cell Phones, Personal Navigation / GPS
•
MP3 players ,Cameras, Video Recorders
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.


Similar Part No. - 74LVC1G08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G08 PHILIPS-74LVC1G08 Datasheet
85Kb / 15P
Single 2-input AND gate
2004 Sep 15
74LVC1G08 NXP-74LVC1G08 Datasheet
87Kb / 14P
Single 2-input AND gate
Rev. 10-29 June 2012
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
245Kb / 14P
SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
NXP Semiconductors
74LVC1G08 NXP-74LVC1G08 Datasheet
354Kb / 19P
Single 2-input AND gate
Rev. 10-29 June 2012
logo
Nexperia B.V. All right...
74LVC1G08 NEXPERIA-74LVC1G08 Datasheet
266Kb / 17P
Single 2-input AND gate
Rev. 14 - 24 February 2022
More results

Similar Description - 74LVC1G08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHC1G08-Q1 TI-SN74AHC1G08-Q1 Datasheet
276Kb / 8P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08_07 Datasheet
597Kb / 17P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_1 Datasheet
473Kb / 12P
single 2-input positive-and gate
SN74AHCT1G08 TI-SN74AHCT1G08_2 Datasheet
572Kb / 13P
SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
74AHCT1G08 DIODES-74AHCT1G08 Datasheet
179Kb / 8P
SINGLE 2 INPUT POSITIVE AND GATE
Rev 1
logo
Texas Instruments
SN74LVC1G08-Q1 TI1-SN74LVC1G08-Q1 Datasheet
342Kb / 11P
SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74LVCE1G08W5-7 DIODES-74LVCE1G08W5-7 Datasheet
274Kb / 14P
SINGLE 2 INPUT POSITIVE AND GATE
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com