Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIMN31 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PIMN31
Description  500 mA, 50 V NPN/NPN double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMN31 Datasheet(HTML) 4 Page - NXP Semiconductors

  PIMN31 Datasheet HTML 1Page - NXP Semiconductors PIMN31 Datasheet HTML 2Page - NXP Semiconductors PIMN31 Datasheet HTML 3Page - NXP Semiconductors PIMN31 Datasheet HTML 4Page - NXP Semiconductors PIMN31 Datasheet HTML 5Page - NXP Semiconductors PIMN31 Datasheet HTML 6Page - NXP Semiconductors PIMN31 Datasheet HTML 7Page - NXP Semiconductors PIMN31 Datasheet HTML 8Page - NXP Semiconductors PIMN31 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PIMN31_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 19 June 2007
4 of 11
NXP Semiconductors
PIMN31
500 mA, 50 V NPN/NPN double RET; R1 = 1 k
Ω, R2 = 10 kΩ
7.
Characteristics
FR4 PCB, standard footprint
Fig 2.
Transient thermal impedance from junction to ambient as a function of pulse duration for SOT457 (SC-74);
typical values
006aaa494
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
Zth(j-a)
(K/W)
1
0.10
0.05
0.02
0.01
0
δ = 1
0.75
0.50
0.33
0.20
Table 7.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
ICBO
collector-base cut-off
current
VCB =50V; IE = 0 A
-
-
100
nA
ICEO
collector-emitter
cut-off current
VCE =50V; IB = 0 A
-
-
0.5
µA
IEBO
emitter-base cut-off
current
VEB =5V; IC = 0 A
-
-
0.72
mA
hFE
DC current gain
VCE =5V; IC =50mA
70
-
-
VCEsat
collector-emitter
saturation voltage
IC = 50 mA; IB = 2.5 mA
-
-
0.3
V
VI(off)
off-state input voltage
VCE =5V; IC = 100 µA
0.3
0.6
1
V
VI(on)
on-state input voltage
VCE = 0.3 V; IC = 20 mA
0.4
0.8
1.4
V
R1
bias resistor 1 (input)
0.7
1
1.3
k
Ω
R2/R1
bias resistor ratio
9
10
11
Cc
collector capacitance
VCB =10V; IE =ie =0A;
f=1MHz
-7
-pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com