Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIMN31 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PIMN31
Description  500 mA, 50 V NPN/NPN double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMN31 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PIMN31 Datasheet HTML 2Page - NXP Semiconductors PIMN31 Datasheet HTML 3Page - NXP Semiconductors PIMN31 Datasheet HTML 4Page - NXP Semiconductors PIMN31 Datasheet HTML 5Page - NXP Semiconductors PIMN31 Datasheet HTML 6Page - NXP Semiconductors PIMN31 Datasheet HTML 7Page - NXP Semiconductors PIMN31 Datasheet HTML 8Page - NXP Semiconductors PIMN31 Datasheet HTML 9Page - NXP Semiconductors PIMN31 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PIMN31_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 19 June 2007
6 of 11
NXP Semiconductors
PIMN31
500 mA, 50 V NPN/NPN double RET; R1 = 1 k
Ω, R2 = 10 kΩ
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 (Stress qualification for discrete semiconductors) and is suitable for
use in automotive critical applications.
VCE = 0.3 V
(1) Tamb = −40 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
VCE =5V
(1) Tamb = −40 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
Fig 6.
On-state input voltage as a function of collector
current; typical values
Fig 7.
Off-state input voltage as a function of collector
current; typical values
006aaa316
IC (mA)
10−1
103
102
110
1
10
VI(on)
(V)
10−1
(1)
(2)
(3)
006aaa317
IC (mA)
10−1
10
1
1
VI(off)
(V)
10−1
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com