Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXF103 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZXF103
Description  VARIABLE Q FILTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXF103 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXF103 Datasheet HTML 1Page - Zetex Semiconductors ZXF103 Datasheet HTML 2Page - Zetex Semiconductors ZXF103 Datasheet HTML 3Page - Zetex Semiconductors ZXF103 Datasheet HTML 4Page - Zetex Semiconductors ZXF103 Datasheet HTML 5Page - Zetex Semiconductors ZXF103 Datasheet HTML 6Page - Zetex Semiconductors ZXF103 Datasheet HTML 7Page - Zetex Semiconductors ZXF103 Datasheet HTML 8Page - Zetex Semiconductors ZXF103 Datasheet HTML 9Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ZXF103
ISSUE 1 - APRIL 2002
5
Filter Configurations and Responses (Continued)
Inverse Notch Filter (with attenuating skirts)
10K
100K
1M
10M
-20
-10
0
10
20
30
Frequency (Hz)
AC Filter Performance
10K
100K
1M
10M
-540
-450
-360
-270
-180
-90
Frequency (Hz)
Fo
1
2RC
=
π
where R=R1=R2
and
C=C1=C2
Q
R4
R3
∝
where R1,R2,R3 and R4
2k
Ω
and C1 and C2
50pF
See “Designing for a value of Q”
for more details.
The skirt ‘roll off’ away from the
peak is -20dB/Decade regardless
of chosed Q.
Typical responses from the
circuit with component values
derived from the diagram.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com