Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXF103 Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXF103
Description  VARIABLE Q FILTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXF103 Datasheet(HTML) 6 Page - Zetex Semiconductors

  ZXF103 Datasheet HTML 1Page - Zetex Semiconductors ZXF103 Datasheet HTML 2Page - Zetex Semiconductors ZXF103 Datasheet HTML 3Page - Zetex Semiconductors ZXF103 Datasheet HTML 4Page - Zetex Semiconductors ZXF103 Datasheet HTML 5Page - Zetex Semiconductors ZXF103 Datasheet HTML 6Page - Zetex Semiconductors ZXF103 Datasheet HTML 7Page - Zetex Semiconductors ZXF103 Datasheet HTML 8Page - Zetex Semiconductors ZXF103 Datasheet HTML 9Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Designing for a value of Q
As mentioned on the configuration pages, there is a
proportional relationship between the ratio of R4 and R3,
and Q.
Q
R4
R3
∝
These resistors define the gain of an inverting amplifier
that determines the peak value of gain and therefore the
Q of the filter, as Q is described as;
Q
=
Fo
3dBBandwidth
−
This value of required gain is quite critical. As the
maximum value of Q is approached, too much gain will
cause the filter to oscillate at the centre frequency Fo. A
small reduction of gain will cause the value of Q to fall
significantly. Therefore, for high values of Q factor or
tight tolerances of lower values of Q, the resistor ratio
must be trimmed.
Frequency dependant effects must be accounted for in
determining the appropriate gain. As the frequency
increases, the effective circuit gain reduces. The required
gain is nominally two but at higher frequencies it will
need to be slightly greater than two in order to
compensate for loss of gain and internal phase shifts.
This is not really a problem for circuits where the desired
Fo remains constant, as the phase shifts are accounted
for permanently. For designs where Q is high and Fo is
to be ‘swept’, care must be taken that a gain appropriate
at the highest frequency does not cause oscillation at the
lowest.
Variation in Q increases from device to device, as the
value of Q increases, due to internal gain spreads.
ZXF103
ISSUE 1 - APRIL 2002
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com