Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMD9050D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PMD9050D
Description  MOSFET driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMD9050D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PMD9050D Datasheet HTML 4Page - NXP Semiconductors PMD9050D Datasheet HTML 5Page - NXP Semiconductors PMD9050D Datasheet HTML 6Page - NXP Semiconductors PMD9050D Datasheet HTML 7Page - NXP Semiconductors PMD9050D Datasheet HTML 8Page - NXP Semiconductors PMD9050D Datasheet HTML 9Page - NXP Semiconductors PMD9050D Datasheet HTML 10Page - NXP Semiconductors PMD9050D Datasheet HTML 11Page - NXP Semiconductors PMD9050D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PMD9050D_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 27 November 2006
8 of 13
NXP Semiconductors
PMD9050D
MOSFET driver
8.
Test information
IC/IB =20
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Tamb =25 °C
(1) IC/IB = 100
(2) IC/IB =50
(3) IC/IB =10
Fig 8.
TR1 (NPN): Collector-emitter saturation voltage
as a function of collector current; typical values
Fig 9.
TR1 (NPN): Collector-emitter saturation voltage
as a function of collector current; typical values
006aaa916
IC (mA)
10−1
103
102
110
10−1
1
VCEsat
(V)
10−2
(2)
(3)
(1)
006aaa917
IC (mA)
10−1
103
102
110
10−1
1
VCEsat
(V)
10−2
(2)
(3)
(1)
IC = 0.05 A; IBon = 2.5 mA; IBoff = −2.5 mA; R1 = 50 Ω; R2 = 1 kΩ; R3 = 1 kΩ; R4 = 1 kΩ;
RB = 1.5 kΩ; RC = 150 Ω
Fig 10. Test circuit for switching times per TR1
006aaa918
4.5 k
Ω
DUT
VCC
VI
VBB
VO
R2
R1
R4
R3
D1
RB
TR1
TR2
TR3
RC
oscilloscope
1.5 k
Ω
(probe)
(probe)
oscilloscope



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com