Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX5100DP Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPX5100DP
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX5100DP Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPX5100DP Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX5100DP Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX5100DP Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX5100DP Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX5100DP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX5100DP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX5100DP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX5100DP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX5100DP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MPX5100
Sensors
Freescale Semiconductor
5
Pressure
On-chip Temperature Compensation and Calibration
Figure 3 shows the sensor output signal relative to
pressure input. Typical, minimum, and maximum output
curves are shown for operation over a temperature range of
0° to 85°C using the decoupling circuit shown in Figure 5. The
output will saturate outside of the specified pressure range.
Figure 4 illustrates both the Differential/Gauge and the
Absolute Sensing Chip in the basic chip carrier (Case 867). A
fluorosilicone gel isolates the die surface and wire bonds from
the environment, while allowing the pressure signal to be
transmitted to the sensor diaphragm.
The MPX5100 series pressure sensor operating
characteristics, and internal reliability and qualification tests
are based on use of dry air as the pressure media. Media,
other than dry air, may have adverse effects on sensor
performance and long-term reliability. Contact the factory for
information regarding media compatibility in your application.
Figure 3. Output vs. Pressure Differential
Figure 4. Cross Sectional Diagrams (not to scale)
Figure 5 shows the recommended decoupling circuit for
interfacing the output of the integrated sensor to the A/D input
of a microprocessor or microcontroller. Proper decoupling of
the power supply is recommended.
Figure 5. Recommended Power Supply Decoupling and Output Filtering
(For additional output filtering, please refer to Application Note AN1646.)
5
4
3
MAX
2
1
0
Offset
Pressure (kPa)
(Typ)
MIN
TYP
Vout = VS*(0.009*P+0.04)
± (Pressure Error * Temperature Factor * 0.009 * VS)
VS = 5.0 V ± 0.25 Vdc
PE = 2.5
TM = 1
TEMP = 0 to 85°C
Fluorosilicone
Gel Die Coat
Wire Bond
Lead Frame
Die
Epoxy Plastic
Case
Differential/Gauge Element
Die Bond
Fluorosilicone Gel
Die Coat
Wire Bond
Lead Frame
Die
Stainless Steel
Metal Cover
Epoxy Plastic
Case
Die Bond
Absolute Element
Stainless Steel
Metal Cover
470 pF
Vs
+5.0 V
0.01 μF
GND
VOUT
IPS
OUTPUT
1.0 μF
IPS
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com