Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX5100DP Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPX5100DP
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX5100DP Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPX5100DP Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX5100DP Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX5100DP Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX5100DP Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX5100DP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX5100DP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX5100DP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX5100DP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX5100DP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MPX5100
Rev 13, 05/2010
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2005-2010. All rights reserved.
Pressure
Integrated Silicon Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated and
Calibrated
The MPX5100 series piezoresistive transducer is a state-of-the-art monolithic
silicon pressure sensor designed for a wide range of applications, but particularly
those employing a microcontroller or microprocessor with A/D inputs. This patented,
single element transducer combines advanced micromachining techniques, thin-film
metallization, and bipolar processing to provide an accurate, high level analog
output signal that is proportional to the applied pressure.
Features
• 2.5% Maximum Error over 0
° to 85°C
• Ideally suited for Microprocessor or Microcontroller-Based Systems
• Patented Silicon Shear Stress Strain Gauge
• Available in Absolute, Differential and Gauge Configuration
• Durable Epoxy Unibody Element
• Easy-to-Use Chip Carrier Option
ORDERING INFORMATION
Device Name
Case
No.
# of Ports
Pressure Type
Device
Marking
None
Single
Dual
Gauge
Differential
Absolute
Unibody Package (MPX5100 Series)
MPX5100A
867
•
•
MPX5100A
MPX5100AP
867B
•
•
MPX5100AP
MPX5100D
867
•
•
MPX5100D
MPX5100DP
867C
•
•
MPX5100DP
MPX5100GP
867B
•
•
MPX5100GP
Small Outline Package (MPXV5100 Series)
MPXV5100GC6U
482A
•
•
MPXV5100G
MPXV5100GC7U
482C
•
•
MPXV5100G
MPXV5100DP
1351
•
•
MPXV5100DP
MPXV5100GP
1369
•
•
MPXV5100GP
MPX5100
0 to 100 kPa (0 to 14.5 psi)
15 to 115 kPa (2.2 to 16.7 psi)
0.2 to 4.7 V Output
MPXV5100
Series
Typical Applications
•
Patient Monitoring
•
Process Control
•
Pump/Motor Control
•
Pressure Switching


Similar Part No. - MPX5100DP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX5100DP MOTOROLA-MPX5100DP Datasheet
396Kb / 12P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
Freescale Semiconductor...
MPX5100DP FREESCALE-MPX5100DP Datasheet
318Kb / 12P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5100DP FREESCALE-MPX5100DP Datasheet
310Kb / 16P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
NXP Semiconductors
MPX5100DP NXP-MPX5100DP Datasheet
496Kb / 20P
MPX5100, 0 to 100 kPa, Differential, Gauge, and Absolute, Integrated, Pressure Sensors
Rev. 14, 12/2018
MPX5100DP NXP-MPX5100DP Datasheet
417Kb / 17P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
2005-2010
More results

Similar Description - MPX5100DP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010 FREESCALE-MPX5010 Datasheet
443Kb / 18P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
logo
NXP Semiconductors
MP3V7007 NXP-MP3V7007 Datasheet
156Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 0, 11/2008
MPX4250 NXP-MPX4250 Datasheet
173Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 7, 1/2009
MPXV7007 NXP-MPXV7007 Datasheet
949Kb / 19P
Integrated silicon pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 4-26 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com