Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM6N35FE Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # SSM6N35FE
Description  Field-Effect Transistor Silicon N-Channel MOS Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6N35FE Datasheet(HTML) 4 Page - Toshiba Semiconductor

  SSM6N35FE Datasheet HTML 1Page - Toshiba Semiconductor SSM6N35FE Datasheet HTML 2Page - Toshiba Semiconductor SSM6N35FE Datasheet HTML 3Page - Toshiba Semiconductor SSM6N35FE Datasheet HTML 4Page - Toshiba Semiconductor SSM6N35FE Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SSM6N35FE
2008-03-10
4
⎪Yfs⎪ – ID
Drain current ID (mA)
1
10
100
1000
1
3
5
10
30
50
100
300
500
C – VDS
Drain–source voltage VDS (V)
Ciss
Coss
Crss
Common Source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
10
100
1
5
50
1
10
100
5
50
0.5
IDR – VDS
Drain–source voltage VDS (V)
0.01
1
1000
0.1
10
100
0
−1.5
−0.5
−1
PD* – Ta
Ambient temperature Ta (°C)
0
0
100
250
160
40
50
150
200
20
60
80
100
140
120
Mounted on a FR4 board.
(25.4 mm
× 25.4 mm × 1.6 mm, Cu Pad: 0.135 mm2 × 6)
Vth – Ta
Ambient temperature Ta (°C)
−50
50
150
0
100
0
1.0
0.5
Common Source
ID = 1 mA
VDS = 3 V
Common Source
VDS = 3 V
Ta
= 25°C
Common Source
VGS = 0 V
G
D
S
IDR
1000
25°C
Ta
= 100°C
−25°C
0.1
t – ID
Drain current ID (mA)
0.1
1
10
100
10
30
50
100
300
500
1000
3000
5000
1000
toff
tf
ton
tr
Common Source
VDD = 3 V
VGS = 0 to 2.5 V
Ta
= 25°C
*: Total Rating



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com