Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM6N35FE Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM6N35FE
Description  Field-Effect Transistor Silicon N-Channel MOS Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6N35FE Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM6N35FE Datasheet HTML 1Page - Toshiba Semiconductor SSM6N35FE Datasheet HTML 2Page - Toshiba Semiconductor SSM6N35FE Datasheet HTML 3Page - Toshiba Semiconductor SSM6N35FE Datasheet HTML 4Page - Toshiba Semiconductor SSM6N35FE Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSM6N35FE
2008-03-10
1
TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
SSM6N35FE
○
High-Speed Switching Applications
○
Analog Switch Applications
• 1.2-V drive
• N-ch 2-in-1
• Low ON-resistance: Ron = 20 Ω (max) (@VGS = 1.2 V)
: Ron = 8 Ω (max) (@VGS = 1.5 V)
: Ron = 4 Ω (max) (@VGS = 2.5 V)
: Ron = 3 Ω (max) (@VGS = 4.0 V)
Absolute Maximum Ratings (Ta = 25°C) (Q1, Q2 Common)
Characteristics
Symbol
Rating
Unit
Drain–source voltage
VDSS
20
V
Gate–source voltage
VGSS
±10
V
DC
ID
180
Drain current
Pulse
IDP
360
mA
Drain power dissipation
PD(Note 1)
150
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease
in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are
within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Note 1: Total rating
Mounted on an FR4 board
(25.4 mm
× 25.4 mm × 1.6 mm, Cu Pad: 0.135 mm2 × 6)
Marking
Equivalent Circuit (top view)
Unit: mm
6
1.2±0.05
1.6±0.05
1
2
3
5
4
JEDEC
-
JEITA
-
TOSHIBA
2-2N1A
Weight: 3.0 mg (typ.)
ES6
K Z
6
5
4
1
2
3
Q1
Q2
65
4
12
3
1.Source1
2.Gate1
3.Drain2
4.Source2
5.Gate2
6.Drain1


Similar Part No. - SSM6N35FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N35FU TOSHIBA-SSM6N35FU Datasheet
210Kb / 5P
High-Speed Switching Applications
More results

Similar Description - SSM6N35FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3131 TOSHIBA-2SK3131 Datasheet
420Kb / 6P
Field Effect Transistor Silicon N Channel MOS Type
2SK1488 TOSHIBA-2SK1488 Datasheet
193Kb / 5P
Field Effect Transistor Silicon N Channel MOS Type
2SK2057 TOSHIBA-2SK2057 Datasheet
74Kb / 2P
Field Effect Transistor Silicon N Channel MOS Type
2SK2078 TOSHIBA-2SK2078 Datasheet
213Kb / 5P
Field Effect Transistor Silicon N Channel MOS Type
2SK1600 TOSHIBA-2SK1600 Datasheet
674Kb / 9P
FIELD EFFECT TRANSISTOR SILICON N-CHANNEL MOS TYPE
TPCT4204 TOSHIBA-TPCT4204 Datasheet
124Kb / 4P
Field Effect Transistor Silicon N Channel MOS Type
SSM3K37MFV TOSHIBA-SSM3K37MFV Datasheet
166Kb / 5P
Field-Effect Transistor Silicon N-Channel MOS Type
SSM6N42FE TOSHIBA-SSM6N42FE Datasheet
194Kb / 6P
Field-Effect Transistor Silicon N-Channel MOS Type
HN1K06FU TOSHIBA-HN1K06FU Datasheet
123Kb / 5P
Field Effect Transistor Silicon N Channel MOS Type
2SK1078 TOSHIBA-2SK1078 Datasheet
343Kb / 5P
Field Effect Transistor Silicon N Channel MOS Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com