Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

591EB148M352DG Datasheet(PDF) 5 Page - Silicon Laboratories

Part # 591EB148M352DG
Description  1 ps MAX JITTER CRYSTAL OSCILLATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

591EB148M352DG Datasheet(HTML) 5 Page - Silicon Laboratories

  591EB148M352DG Datasheet HTML 1Page - Silicon Laboratories 591EB148M352DG Datasheet HTML 2Page - Silicon Laboratories 591EB148M352DG Datasheet HTML 3Page - Silicon Laboratories 591EB148M352DG Datasheet HTML 4Page - Silicon Laboratories 591EB148M352DG Datasheet HTML 5Page - Silicon Laboratories 591EB148M352DG Datasheet HTML 6Page - Silicon Laboratories 591EB148M352DG Datasheet HTML 7Page - Silicon Laboratories 591EB148M352DG Datasheet HTML 8Page - Silicon Laboratories 591EB148M352DG Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Si590/591
Preliminary Rev. 0.25
5
2. Pin Descriptions
Table 8. Pinout for Si590 Series
Pin
Symbol
LVDS/LVPECL/CML Function
CMOS Function
1OE*
No connection
Make no external connection to this pin
Output enable
2OE*
Output enable
No connection
Make no external connection to this pin
3
GND
Electrical and Case Ground
Electrical and Case Ground
4
CLK+
Oscillator Output
Oscillator Output
5
CLK–
Complementary Output
No connection
Make no external connection to this pin
6VDD
Power Supply Voltage
Power Supply Voltage
*Note: OE pin includes an internal 17 k
 pullup resistor to V
DD for output enable active high or a 17 k pulldown resistor to
GND for output enable active low. See 3. "Ordering Information" on page 6.
Table 9. Pinout for Si591 Series
Pin
Symbol
LVDS/LVPECL/CML Function
1
OE*
Output enable
2
No connection
Make no external connection to this pin
No connection
Make no external connection to this pin
3
GND
Electrical and Case Ground
4
CLK+
Oscillator Output
5
CLK–
Complementary output
6VDD
Power Supply Voltage
*Note: OE pin includes an internal 17 k
 pullup resistor to V
DD for output enable active high or a 17 k pulldown resistor to
GND for output enable active low. See 3. "Ordering Information" on page 6.
1
2
3
6
5
4
GND
NC
VDD
CLK
NC
OE
(Top View)
1
2
3
6
5
4
GND
OE
VDD
CLK+
CLK–
NC
1
2
3
6
5
4
GND
NC
VDD
CLK+
CLK–
OE
Si590
LVDS/LVPECL/CML
Si590
CMOS
Si591
LVDS/LVPECL/CML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com