Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

591EB148M352DG Datasheet(PDF) 6 Page - Silicon Laboratories

Part # 591EB148M352DG
Description  1 ps MAX JITTER CRYSTAL OSCILLATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

591EB148M352DG Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button 591EB148M352DG Datasheet HTML 2Page - Silicon Laboratories 591EB148M352DG Datasheet HTML 3Page - Silicon Laboratories 591EB148M352DG Datasheet HTML 4Page - Silicon Laboratories 591EB148M352DG Datasheet HTML 5Page - Silicon Laboratories 591EB148M352DG Datasheet HTML 6Page - Silicon Laboratories 591EB148M352DG Datasheet HTML 7Page - Silicon Laboratories 591EB148M352DG Datasheet HTML 8Page - Silicon Laboratories 591EB148M352DG Datasheet HTML 9Page - Silicon Laboratories 591EB148M352DG Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Si590/591
6
Preliminary Rev. 0.25
3. Ordering Information
The Si590/591 XO supports a variety of options including frequency, temperature stability, output format, and VDD.
Specific device configurations are programmed into the Si590/591 at time of shipment. Configurations can be
specified using the Part Number Configuration chart below. Silicon Laboratories provides a web browser-based
part number configuration utility to simplify this process. Refer to www.silabs.com/VCXOPartNumber to access this
tool and for further ordering instructions. The Si590 and Si591 XO series are supplied in an industry-standard,
RoHS compliant, 6-pad, 5 x 7 mm package. The Si591 Series supports an alternate OE pinout (pin #1) for
LVPECL, LVDS, and CML output formats. See Tables 8 and 9 for the pinout differences between the Si590 and
Si591 series.
Figure 1. Part Number Convention
59x
X
XXXMXXX
X
1
st Option Code
VDD
Output Format Output Enable Polarity
A
3.3
LVPECL
High
B
3.3
LVDS
High
C
3.3
CMOS
High
D3.3
CML
High
E
2.5
LVPECL
High
F
2.5
LVDS
High
G
2.5
CMOS
High
H2.5
CML
High
J
1.8
CMOS
High
K1.8
CML
High
M
3.3
LVPECL
Low
N3.3
LVDS
Low
P3.3
CMOS
Low
Q3.3
CML
Low
R
2.5
LVPECL
Low
S2.5
LVDS
Low
T2.5
CMOS
Low
U2.5
CML
Low
V1.8
CMOS
Low
W1.8
CML
Low
Note:
CMOS available to 160 MHz.
D
G
R
Frequency (e.g., 148M352 is 148.352 MHz)
Available frequency range is 10 to 525 MHz. The position of “M” shifts
to denote higher or lower frequencies. If the frequency of interest
requires greater than 6 digit resolution, a six digit code will be
assigned for the specific frequency.
Tape & Reel Packaging
Blank = Trays
Operating Temp Range (°C)
G
–40 to +85°C
Part Revision Letter
590 or 591 XO
Product Family
Example P/N: 590BB148M352DGR is a 5 x 7 XO in a 6 pad package. The frequency is 148.352 MHz, with a 3.3 V supply, LVDS output, and
Output Enable active high polarity. Overall stability is specifed as ±50 ppm. The device is specified for –40 to +85 °C ambient temperature
range operation and is shipped in tape and reel format.
2
nd Option Code
Code
Total Stablility (ppm, max, ±)
Temperature Stablility (ppm, max, ±)
A
100
50
B
50
25
C
30
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com