Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STX790A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STX790A
Description  Medium current,high performance,low voltage PNP transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STX790A Datasheet(HTML) 1 Page - STMicroelectronics

  STX790A_09 Datasheet HTML 1Page - STMicroelectronics STX790A_09 Datasheet HTML 2Page - STMicroelectronics STX790A_09 Datasheet HTML 3Page - STMicroelectronics STX790A_09 Datasheet HTML 4Page - STMicroelectronics STX790A_09 Datasheet HTML 5Page - STMicroelectronics STX790A_09 Datasheet HTML 6Page - STMicroelectronics STX790A_09 Datasheet HTML 7Page - STMicroelectronics STX790A_09 Datasheet HTML 8Page - STMicroelectronics STX790A_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
April 2009
Doc ID 9406 Rev 4
1/10
10
STX790A
Medium current, high performance, low voltage PNP transistor
Features
■ Very low collector to emitter saturation voltage
■ DC current gain, hFE > 100
■ 3 A continuous collector current
■ 40 V breakdown voltage V(BR)CER
Applications
■ Power management in portable equipment
■ Voltage regulation in bias supply circuits
■ Switching regulator in battery charger
applications
■ Heavy load driver
Description
The devices are manufactured in low voltage PNP
planar technology by using a “Base Island” layout.
The resulting transistor shows exceptional high
gain performance coupled with very low
saturation voltage. The STX790AG-AP is supplied
using halogen-free molding compound.
Figure 1.
Internal schematic diagram
TO-92
TO-92AP
Table 1.
Device summary
Order codes
Marking
Packages
Packaging
STX790A
X790A
TO-92
Bulk
STX790A-AP
X790A
TO-92 AP
Ammopack
STX790AG-AP
X790AG
TO-92 AP
Ammopack
www.st.com


Similar Part No. - STX790A_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STX790A STMICROELECTRONICS-STX790A_06 Datasheet
218Kb / 11P
Medium Current, High Performance, Low Voltage PNP Transistor
29-Mar-2006
STX790A STMICROELECTRONICS-STX790A_08 Datasheet
166Kb / 10P
Medium current, high performance, low voltage PNP transistor
25-Jun-2008
More results

Similar Description - STX790A_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN749 STMICROELECTRONICS-STN749 Datasheet
124Kb / 6P
MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
Mar-2003
STN790A STMICROELECTRONICS-STN790A Datasheet
125Kb / 6P
MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
Mar-2003
STX790A STMICROELECTRONICS-STX790A Datasheet
117Kb / 6P
MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
Mar-2003
STD790A STMICROELECTRONICS-STD790A Datasheet
126Kb / 6P
MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
Mar-2003
STD790AT4 STMICROELECTRONICS-STD790AT4 Datasheet
203Kb / 10P
Medium Current, High Performance, Low Voltage PNP Transistor
27-Mar-2006
STN790A STMICROELECTRONICS-STN790A_06 Datasheet
199Kb / 10P
Medium Current, High Performance, Low Voltage PNP Transistor
24-Mar-2006
STX790A STMICROELECTRONICS-STX790A_06 Datasheet
218Kb / 11P
Medium Current, High Performance, Low Voltage PNP Transistor
29-Mar-2006
STD790A STMICROELECTRONICS-STD790A_08 Datasheet
168Kb / 9P
Medium current, high performance, low voltage PNP transistor
25-Jun-2008
STN790A STMICROELECTRONICS-STN790A_08 Datasheet
183Kb / 9P
Medium current, high performance, low voltage PNP transistor
26-Jun-2008
STX790A STMICROELECTRONICS-STX790A_08 Datasheet
166Kb / 10P
Medium current, high performance, low voltage PNP transistor
25-Jun-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com