| Electronic Components Datasheet Search |
|
SPBT2532C2.AT Datasheet(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPBT2532C2.AT Datasheet(HTML) 31 Page - STMicroelectronics |
|
31 / 48 page ![]() SPBT2532C2.AT Commands Doc ID 16089 Rev 3 31/48 C.14.1 Syntax AT+AB ExitPark [BD address] Where [BD address] is the BD address of the device to be switched to active mode. C.14.2 Responses If the operation is successful, the response is: AT-AB ActiveMode C.15 ExitSniff The ExitSniff command is used to switch a device from sniff mode to active mode. C.15.1 Syntax AT+AB ExitSniff [BD address] Where [BD address] is the BD address of the device to be switched to active mode. C.15.2 Responses If the operation is successful, the response is: AT-AB ActiveMode C.16 GPIOConfig The GPIOConfig command is used to configure a GPIO pin to input or output. C.16.1 Syntax AT+AB GPIOConfig [GPIO Pin] [Configuration] Where [GPIO Pin] is the Pin number, 1 – 4, of the desired GPIO to configure. [Configuration] is i or I for input and o or O for output. C.16.2 Responses If the operation is successful, the response is: AT-AB GPIOConfigDone C.17 GPIORead The GPIORead command is used to read a GPIO pin. A GPIO may be read while configured as either an input or output. C.17.1 Syntax AT+AB GPIORead [GPIO Pin] |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |