Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPBT2532C2.AT Datasheet(PDF) 32 Page - STMicroelectronics

Part # SPBT2532C2.AT
Description  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2.AT Datasheet(HTML) 32 Page - STMicroelectronics

Back Button SPBT2532C2.AT Datasheet HTML 28Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 29Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 30Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 31Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 32Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 33Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 34Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 35Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Commands
SPBT2532C2.AT
32/48
Doc ID 16089 Rev 3
Where
[GPIO Pin] is the Pin number, 1 – 4, of the desired GPIO to read.
C.17.2
Responses
If the operation is successful, the response is:
AT-AB GPIOReadDone [result]
Where
[result] is either a 1 to indicate high, or 0 to indicate low.
C.18
GPIOWrite
The GPIOWrite command is used to set a GPIO pin to high or low. A GPIO may only be set
when configured as an output.
C.18.1
Syntax
AT+AB GPIOWrite [GPIO Pin] [Setting]
Where
[GPIO Pin] is the Pin number, 1 – 4, of the desired GPIO to read. [Setting] is a
1 to set a pin to high and a 0 to set a pin to low.
C.18.2
Responses
If the operation is successful, the response is:
AT-AB GPIOWriteDone
C.19
Hold
The Hold command is used to switch a device from active mode to hold mode.
C.19.1
Syntax
AT+AB Hold [BD address] [Hold Duration]
Where
[BD address] is the BD address of the device to be switched to active mode.
[Hold Duration] is given in slots from 4-10,000.
C.19.2
Responses
If the operation is successful, the response is:
AT-AB HoldMode
C.20
HostEvent
The HostEvent command is used to enable/disable the host notification strings. This will
override the default setting in the dynamic configuration only for the current session; until
reset.
C.20.1
Syntax
AT+AB HostEvent [Enable/Disable]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com