Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2591RGVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CC2591RGVT
Description  2.4-GHz RF Front End
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2591RGVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC2591RGVT Datasheet HTML 5Page - Texas Instruments CC2591RGVT Datasheet HTML 6Page - Texas Instruments CC2591RGVT Datasheet HTML 7Page - Texas Instruments CC2591RGVT Datasheet HTML 8Page - Texas Instruments CC2591RGVT Datasheet HTML 9Page - Texas Instruments CC2591RGVT Datasheet HTML 10Page - Texas Instruments CC2591RGVT Datasheet HTML 11Page - Texas Instruments CC2591RGVT Datasheet HTML 12Page - Texas Instruments CC2591RGVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Controlling the Output Power from CC2591
RF_P
RXTX
RF_N
RF_P
TXRX_SWITCH
RF_N
CC243x
RREG_OUT (CC243x)
Connected to
VDD/GND/MCU/RXTX
Alternativiely
from MCU
RF_P
RXTX
RF_N
= TLINE inductor
CC2591
ANT
PAEN
EN
HGM
VDD
VDD VDD
VDD
RF_P
RXTX
RF_N
L112
C113
C111
L111
C112
C161
C11/C12
C101/C102
C131/C132
R151
CC2591
www.ti.com ........................................................................................................................................................ SWRS070A – MARCH 2008 – REVISED JUNE 2008
The output power of CC2591 is controlled by controlling the input power. The CC2591 PA is designed to work in
compression (class AB), and the best efficiency is reached when a strong input signal is applied.
Input Levels on Control Pins
The four digital control pins (PAEN, EN, HGM, RXTX) have built-in level-shifting functionality, meaning that if the
CC2591 is operating from a 3.6-V supply voltage, the control pins will still sense 1.6-V - 1.8-V signals as logical
‘1’.
An example of the above would be that RXTX is connected directly to the RXTX pin on CC24xx, but the global
supply voltage is 3.6 V. The RXTX pin on CC24xx will switch between 0 V (RX) and 1.8 V(TX), which is still a
high enough voltage to control the mode of CC2591.
The input voltages should however not have logical ‘1’ level that is higher than the supply.
Connecting CC2591 to a CC24xx Device
Table 3. Control Logic for Connecting CC2591 to a CC24xx Device
PAEN = EN
RXTX
HGM
MODE OF OPERATION
0
X
X
Power Down
1
0
0
RX Low Gain Mode
1
0
1
RX High Gain Mode
1
1
X
TX
Figure 10. CC2591 + CC24xx Application Circuit
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): CC2591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com