Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2591RGVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CC2591RGVT
Description  2.4-GHz RF Front End
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2591RGVT Datasheet(HTML) 3 Page - Texas Instruments

  CC2591RGVT Datasheet HTML 1Page - Texas Instruments CC2591RGVT Datasheet HTML 2Page - Texas Instruments CC2591RGVT Datasheet HTML 3Page - Texas Instruments CC2591RGVT Datasheet HTML 4Page - Texas Instruments CC2591RGVT Datasheet HTML 5Page - Texas Instruments CC2591RGVT Datasheet HTML 6Page - Texas Instruments CC2591RGVT Datasheet HTML 7Page - Texas Instruments CC2591RGVT Datasheet HTML 8Page - Texas Instruments CC2591RGVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CC2591
www.ti.com ........................................................................................................................................................ SWRS070A – MARCH 2008 – REVISED JUNE 2008
ELECTRICAL CHARACTERISTICS (continued)
TC = 25°C, VDD = 3 V , fRF= 2440MHz (unless otherwise noted). Measured on CC2591EM reference design including external
matching components.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RF Transmit
Gain
22
dB
Output power, POUT
PIN = 0.5 dBm
20.6
dBm
Maximum output power
PIN = 5 dBm
22
dBm
Power Added Efficiency, PAE
PIN = 0.5 dBm
34%
Output 1 dB compression
19
dBm
Output IP3
32
dBm
Output power variation over frequency
2400 – 2483.5 MHz, PIN = 0.5 dBm
0.5
dB
Output power variation over power supply
2V – 3.6V , PIN = 0.5 dBm
3.5
dB
Output power variation over temperature
-40°C – 85°C, PIN = 0.5 dBm
1.5
dB
PIN = 0.5 dBm. The 2nd harmonic can be reduced to
2nd harmonic power
below regulatory limits by using an external LC filter
–15
dBm
and antenna.
PIN = 0.5 dBm. The 3rd harmonic can be reduced to
3rd harmonic power
below regulatory limits by using an external LC filter
–30
dBm
and antenna.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CC2591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com