Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM368ZCE Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM368ZCE
Description  TMS320DM368 Digital Media System-on-chip(DMSoC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM368ZCE Datasheet(HTML) 87 Page - Texas Instruments

Back Button TMS320DM368ZCE Datasheet HTML 83Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 84Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 85Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 86Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 87Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 88Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 89Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 90Page - Texas Instruments TMS320DM368ZCE Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668A – APRIL 2010
Table 6-10. Power Management and Real Time Clock Subsystem (PRTCSS) Registers (continued)
Offset
Acronym
Register Description
0x7
GIO_RISE_INT_FLG
GIO rise interrupt flag register
0x8
GIO_FALL_INT_FLG
GIO fall interrupt flag register
0x9 - 0xA
Reserved
Reserved
0xB
INTC_EXTENA0
EXT interrupt enable 0 register
0xC
INTC_EXTENA1
EXT interrupt enable 1 register
0xD
INTC_FLG0
Event interrupt flag 0 register
0xE
INTC_FLG1
Event interrupt flag 1 register
0x10
RTC_CTRL
RTC control register
0x11
RTC_WDT
Watchdog timer counter register
0x12
RTC_TMR0
Timer counter 0 register
0x13
RTC_TMR1
Timer counter 1 register
0x14
RTC_CCTRL
Calender control register
0x15
RTC_SEC
Seconds register
0x16
RTC_MIN
Minutes register
0x17
RTC_HOUR
Hours register
0x18
RTC_DAY0
Days[[7:0] register
0x19
RTC_DAY1
Days[14:8] register
0x1A
RTC_AMIN
Minutes Alarm register
0x1B
RTC_AHOUR
Hour Alarm register
0x1C
RTC_ADAY0
Days[7:0] Alarm register
0x1D
RTC_ADAY1
Days[14:8] Alarm register
0x20
CLKC_CNT
Clock control register
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
87
Submit Documentation Feedback
Product Folder Link(s): TMS320DM368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com