Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45B0K Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT45B0K
Description  SPI to USB Bridge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45B0K Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT45B0K Datasheet HTML 15Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 16Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 17Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 18Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 19Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 20Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 21Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 22Page - Holtek Semiconductor Inc HT45B0K Datasheet HTML 23Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Rev 1.00
March 22, 2010
20
HT45B0K
SPI to USB Bridge
Application Circuit
MCU Connection
V S S
U D P
V D D
U D N
S D I
S D O
S C K
C L K I
V 3 3 O
S C S
I N T
V S S
V D D
S D I
S D O
S C K
P C K
S C S
H o s t M C U
H T 4 5 B 0 K
I N T n
USB Connection for 5V application
V C C
V C C
V C C
1 0 u F
U S B C O N
1
2
3
4
V D D
U S B -
U S B +
V S S
0 . 1 u F
3 3
3 3
V C C
V C C
0 . 1 u F
H T 4 5 B 0 K
9
1 3
1 1
1 0
6
1 2
1
1 6
3
4
5
1 4
7
V S S
U D P
V D D
V D D
I N T
U D N
S D I
S D O
S C K
S C S
C L K I
V 3 3 O
V S S
4 7 p F
0 . 1 u F
1 . 5 K
4 7 p F
USB Connection for 3.3V application
V C C
0 . 1 u F
4 7 p F
1 0 u F
H T 7 3 3 3
2
3
G N D
I N
O U T
V C C
U S B C O N
1
2
3
4
V D D
U S B -
U S B +
V S S
V C C 3 . 3 V
1 0 u F
V C C 3 . 3 V
4 7 p F
3 3
V C C 3 . 3 V
0 . 1 u F
3 3
V C C
V C C
H T 4 5 B 0 K
V S S
U D P
V D D
V D D
I N T
U D N
S D I
S D O
S C K
S C S
C L K I
V 3 3 O
V S S
V C C 3 . 3 V
0 . 1 u F
1 . 5 K
0 . 1 u F
6
1
1 6
3
4
5
9
1 3
1 1
1 0
1 2
1 4
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com