| Electronic Components Datasheet Search |
|
HT45R35 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45R35 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc |
|
19 / 59 page ![]() HT45R35 Rev. 1.30 19 May 14, 2010 Analog Switch There are 12 analog switch lines in the device for RC1~RC12, and three corresponding Analog Switch Control regis- ters, which are ASCR0, ASCR1 and ASCR2. If the configuration options select PA0~PA3 to be normal I/O pins, then the corresponding bit 0~bit3 bits in the ASCR0 register will be unimplemented and will be read as zero. Bit No. Label Function 0 AS1ON Defines RC1 analog switch is on or off. AS1ON= 0=Analog switch 1 on, and RC1 is disconnected to pull-low 1=Analog switch 1 off, and RC1 is connected to pull-low or not according ASPLON0 register 1 AS2ON Defines RC2 analog switch is on or off. AS2ON= 0=Analog switch 2 on, and RC2 is disconnected to pull-low 1=Analog switch 2 off, and RC2 is connected to pull-low or not according ASPLON0 register 2 AS3ON Defines RC3 analog switch is on or off. AS3ON= 0=Analog switch 3 on, and RC3 is disconnected to pull-low 1=Analog switch 3 off, and RC3 is connected to pull-low or not according ASPLON1 register 3 AS4ON Defines RC4 analog switch is on or off. AS4ON= 0=Analog switch 4 on, and RC4 is disconnected to pull-low 1=Analog switch 4 off, and RC4 is connected to pull-low or not according ASPLON1 register 4 AS5ON Defines RC5 analog switch is on or off. AS5ON= 0=Analog switch 5 on, and RC5 is disconnected to pull-low 1=Analog switch 5 off, and RC5 is connected to pull-low or not according ASPLON2 register 5 AS6ON Defines RC6 analog switch is on or off. AS6ON= 0=Analog switch 6 on, and RC6 is disconnected to pull-low 1=Analog switch 6 off, and RC6 is connected to pull-low or not according ASPLON2 register 6 AS7ON Defines RC7 analog switch is on or off. AS7ON= 0=Analog switch 7 on, and RC7 is disconnected to pull-low 1=Analog switch 7 off, and RC7 is connected to pull-low or not according ASPLON3 register 7 AS8ON Defines RC8 analog switch is on or off. AS8ON= 0=Analog switch 8 on, and RC8 is disconnected to pull-low 1=Analog switch 8 off, and RC8 is connected to pull-low or not according ASPLON3 register ASCR0 (1AH) Register If the configuration options select PA4~PA7 to be normal I/O pins, then the corresponding bit 0~bit3 bits in the ASCR1 register will be unimplemented and will be read as zero. Bit No. Label Function 0 AS9ON Defines RC9 analog switch is on or off. AS9ON= 0=Analog switch 9 on, and RC9 is disconnected to pull-low 1=Analog switch 9 off, and RC9 is connected to pull-low or not according ASPLON4 register 1 AS10ON Defines RC10 analog switch is on or off. AS10ON= 0=Analog switch 10 on, and RC10 is disconnected to pull-low 1=Analog switch 10 off, and RC10 is connected to pull-low or not according ASPLON4 register 2 AS11ON Defines RC11 analog switch is on or off. AS11ON= 0=Analog switch 11 on, and RC11 is disconnected to pull-low 1=Analog switch 11 off, and RC11 is connected to pull-low or not according ASPLON5 register 3 AS12ON Defines RC12 analog switch is on or off. AS12ON= 0=Analog switch 12 on, and RC12 is disconnected to pull-low 1=Analog switch 12 off, and RC12 is connected to pull-low or not according ASPLON5 register 4~7 ¾ Unused bit, read as ²0² ASCR1 (1BH) Register |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |