Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R35 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT45R35
Description  C/R to F Type 8-Bit OTP MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R35 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT45R35 Datasheet HTML 1Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 2Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
Pin Assignment
Pin Description
Pin Name
I/O
Options
Description
PA0/INT0/RC1
PA1/INT1/RC2
PA2/TMR/RC3
PA3/RC4
PA4/RC9
PA5/RC10
PA6/RC11
PA7/RC12
I/O
Pull-high*
Wake-up
Bidirectional 8-bit I/O port. Each pin can be configured as a wake-up input
via configuration options. Software instructions determine if the pin is a
CMOS output or Schmitt trigger input. Pull-high resistors can be added to
the each pin via a configuration option.
Pins PA0 and PA1 are pin-shared with external interrupt input pins INT0
and INT1, respectively. Configuration options determine the interrupt en-
able/disable and the interrupt low/high trigger type. Pins PA2 is
pin-shared with the external timer input pins TMR.
Each Pin of PA0~PA3 and PA4~PA7 are pin-shared with RC1~RC4 and
RC9~RC12 respectively via configuration options.
RC1~RC4 and RC9~RC12 are capacitor or resistor connection pins.
PB0~PB7
I/O
Pull-high*
Bidirectional 8-bit I/O port. Software instructions determine if the pin is a
CMOS output or Schmitt trigger input. Pull-high resistors can be added to
the each pin via a configuration option.
RC5~RC8
I
¾
Capacitor or resistor connection pins
RCOUT
I
¾
Capacitor or resistor connection pin to RC OSC
IN
I
¾
Oscillation input pin
RREF
O
¾
Reference resistor connection pin
CREF
O
¾
Reference capacitor connection pin
HT45R35
Rev. 1.30
3
May 14, 2010
H T 4 5 R 3 5
2 0 D I P - B / S O P - B
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1
2
3
4
5
6
7
8
9
1 0
H T 4 5 R 3 5
1 6 D I P - A / N S O P - A
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8
V S S
C R E F
R R E F
R C O U T / I N
P A 0 / I N T 0 / R C 1
P A 1 / I N T 1 / R C 2
P A 2 / T M R 0 / R C 3
P A 3 / T M R 1 / R C 4
O S C 2
O S C 1
V D D
R E S
P A 7 / R C 1 2
P A 6 / R C 1 1
P A 5 / R C 1 0
P A 4 / R C 9
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
H T 4 5 R 3 5
2 4 S K D I P - B / S O P - B / S S O P - B
P B 3
P B 2
P B 1
P B 0
V S S
C R E F
R R E F
R C O U T / I N
P A 0 / I N T 0 / R C 1
P A 1 / I N T 1 / R C 2
P A 2 / T M R 0 / R C 3
P A 3 / T M R 1 / R C 4
P B 4
P B 5
P B 6
P B 7
O S C 2
O S C 1
V D D
R E S
P A 7 / R C 1 2
P A 6 / R C 1 1
P A 5 / R C 1 0
P A 4 / R C 9
H T 4 5 R 3 5
2 8 S K D I P - A / S O P - A / S S O P - A
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
P B 3
P B 2
P B 1
P B 0
V S S
C R E F
R R E F
R C O U T / I N
P A 0 / I N T 0 / R C 1
P A 1 / I N T 1 / R C 2
P A 2 / T M R 0 / R C 3
P A 3 / T M R 1 / R C 4
R C 5
R C 6
P B 4
P B 5
P B 6
P B 7
O S C 2
O S C 1
V D D
R E S
P A 7 / R C 1 2
P A 6 / R C 1 1
P A 5 / R C 1 0
P A 4 / R C 9
R C 8
R C 7
P A 3 / P B 3 / T M R 1 / R C 4
P A 2 / P B 2 / T M R 0 / R C 3
P B 1
P B 0
V S S
C R E F
R R E F
R C O U T / I N
P A 0 / I N T 0 / R C 1
P A 1 / I N T 1 / R C 2
P A 4 / P B 4 / R C 9
P A 5 / P B 5 / R C 1 0
P B 6
P B 7
O S C 2
O S C 1
V D D
R E S
P A 7 / R C 1 2
P A 6 / R C 1 1
H T 4 5 R 3 5
3 2 Q F N - A
1
2
3
4
5
6
7
8
9 1 0 1 1 1 2 1 3 1 4 1 5 1 6
1 7
1 8
1 9
2 0
2 1
2 2
2 3
2 4
2 5
2 6
2 7
2 8
2 9
3 0
3 1
3 2
P B 0
N C
V S S
C R E F
R R E F
R C O U T / I N
P A 0 / I N T 0 / R C 1
P A 1 / I N T 1 / R C 2
N C
N C
N C
O S C 1
V D D
R E S
P A 7 / R C 1 2
P A 6 / R C 1 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com