| Electronic Components Datasheet Search |
|
HT83F10P Datasheet(PDF) 19 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT83F10P Datasheet(HTML) 19 Page - Holtek Semiconductor Inc |
|
19 / 62 page ![]() HT83FXX Rev. 1.30 19 June 7, 2010 Programming Considerations Within the user program, one of the first things to con- sider is port initialization. After a reset, all of the I/O data and port control registers will be set high. This means that all I/O pins will default to an input state, the level of which depends on the other connected circuitry and whether pull-high options have been selected. If the port control registers, PAC, PBC etc., are then programmed to setup some pins as outputs, these output pins will have an initial high output value unless the associated port data registers, PA, PB, etc., are first programmed. Selecting which pins are inputs and which are outputs can be achieved byte-wide by loading the correct values into the appropriate port control register or by program- ming individual bits in the port control register using the ²SET [m].i² and ²CLR [m].i² instructions. Note that when using these bit control instructions, a read-modify-write operation takes place. The microcontroller must first read in the data on the entire port, modify it to the re- quired new bit values and then rewrite this data back to the output ports. Port A has the additional capability of providing wake-up functions. When the device is in the Power Down Mode, various methods are available to wake the device up. One of these is a high to low transition of any of the Port A pins. Single or multiple pins on Port A can be setup to have this function. V D D M U X R e a d D a t a R e g i s t e r D Q C K S D Q C K S C o n t r o l B i t P u l l - H i g h O p t i o n D a t a B u s W r i t e C o n t r o l R e g i s t e r C h i p R e s e t R e a d C o n t r o l R e g i s t e r W r i t e D a t a R e g i s t e r D a t a B i t P B D a t a B i t P B 0 / S D O / S D A P B 1 / S C K / S C L P B 2 / S D I , P B 3 / S C S A n a l o g S w i t c h O p t i o n W e a k P u l l - u p Q Q M U X P B 0 / S D O / S D A P B 1 / S C K / S C L P B 2 / S D I P B 3 / S C S PB Input/Output Port W a k e - u p O p t i o n S y s t e m W a k e - u p R e a d D a t a R e g i s t e r C o n t r o l B i t P u l l - H i g h O p t i o n D a t a B u s W r i t e C o n t r o l R e g i s t e r C h i p R e s e t R e a d C o n t r o l R e g i s t e r W r i t e D a t a R e g i s t e r D a t a B i t P A 0 ~ P A 7 W e a k P u l l - u p D Q C K S Q D Q C K S Q V D D M U X PA Input/Output Port T 1 T 2 T 3 T 4 T 1 T 2 T 3 T 4 W r i t e t o P o r t R e a d f r o m P o r t S y s t e m C l o c k P o r t D a t a Read/Write Timing |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |