Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT83F10P Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT83F10P
Description  Flash Type Voice OTP MCU
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F10P Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT83F10P Datasheet HTML 20Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 21Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 22Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 23Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 24Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 25Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 26Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 27Page - Holtek Semiconductor Inc HT83F10P Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
HT83FXX
Rev. 1.30
24
June 7, 2010
Serial Interface
The device contains both SPI and I
2C serial interface
functions, which allows two methods of easy communi-
cation with external peripheral hardware. As the SPI and
I
2C function share the same external pins and internal
registers their function must first be chosen by selecting
the correct configuration option.
SPI Interface
The SPI interface is often used to communicate with ex-
ternal peripheral devices such as sensors, Flash or
EEPROM memory devices etc. Originally developed by
Motorola, the four line SPI interface is a synchronous
serial data interface that has a relatively simple commu-
nication protocol simplifying the programming require-
ments when communicating with external hardware
devices.
· SPI Interface Operation
The SPI interface is a full duplex synchronous serial
data link. Communication between devices con-
nected to the SPI interface is carried out in a
slave/master mode with all data transfer initiations be-
ing implemented by the master. Multiple slave devices
can be connected to the SPI serial bus with each de-
vice controlled using its slave select line. The SPI is a
four line interface with pin names SDI, SDO, SCK and
SCS. Pins SDI and SDO are the Serial Data Input and
Serial Data Output lines, SCK is the Serial Clock line
and SCS is the Slave Select line. As the SPI interface
pins are pin-shared with segment pins and with the I
2C
function pins, the SPI interface must first be enabled
by selecting the correct configuration option. After the
SPI configuration option has been selected it can then
also be selected using the SIMEN bit in the SIMC0
register.
The SPI function in this device offers the following fea-
tures:
¨ Full duplex synchronous data transfer
¨ Both Master and Slave modes
¨ LSB first or MSB first data transmission modes
¨ Transmission complete flag
Several other configuration options also exist to setup
various SPI interface options as follows:
¨ SPI pin enabled
¨ WCOL bit enabled or disabled
¨ CSEN bit enabled or disabled
The status of the SPI interface pins is determined
by a number of factors, whether the device is in
master or slave mode and upon the condition of cer-
tain control bits such as CSEN and SIMEN.
D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0
S I M D R ( R e c e i v e d D a t a R e g i s t e r )
M
U
X
S D O B u f f e r
M
U
X
M L S
D a t a B u s
M
U
X
M a s t e r o r S l a v e
S D I
S D O
I n t e r n a l B a u d R a t e C l o c k
S C K
C l o c k P o l a r i t y
C 2
C 1
C 0
S I M E N
I n t e r n a l B u s y F l a g
S I M E N
W r i t e S I M D R
W C O L F l a g
T R F
a n d , s t a r t
S I M E N
E N
A N D
W r i t e S B D R
W r i t e S I M D R E n a b l e / D i s a b l e
S C S
E N
M a s t e r o r S l a v e
C S E N
S I M E N
a n d , s t a r t
a n d , s t a r t
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com