Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT86A72 Datasheet(PDF) 52 Page - Holtek Semiconductor Inc

Part # HT86A72
Description  A/D Type Voice 8-Bit MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86A72 Datasheet(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT86A72 Datasheet HTML 48Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 49Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 50Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 51Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 52Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 53Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 54Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 55Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
Application Circuits
HT86Axx/HT86ARxx
Rev. 1.00
52
March 19, 2010
A U D _ I N
0 . 1 m F
R E S
V D D
V D D
I N T
1 0 0 k W
V D D
0 . 1 m F
1 0 0 m F
V D D
1 0 W
4 7 m F
0 . 1 m F
S P K
S P +
S P -
H T 8 6 A 3 6 / H T 8 6 A 7 2 / H T 8 6 A R 7 2
V S S
V S S A
V S S A 1
V S S M
A U D _ O U T
V B I A S
5 0 k W
P A 0 ~ P A 7
P B 0 ~ P B 7
P C 0 ~ P C 7
P D 0 ~ P D 7
P E 0 ~ P E 7
1 0 m F
O S C 2
O S C 1
R O S C
A U D _ I N
0 . 1 m F
R E S
V D D
V D D
I N T
1 0 0 k W
V D D
0 . 1 m F
1 0 0 m F
V D D
1 0 W
4 7 m F
0 . 1 m F
S P K
S P +
S P -
H T 8 6 A 3 6 / H T 8 6 A 7 2 / H T 8 6 A R 7 2
V S S
V S S A
V S S A 1
V S S M
A U D _ O U T
V B I A S
5 0 k W
P A 0 ~ P A 7
P B 0 ~ P B 7
P C 0 ~ P C 7
P D 0 ~ P D 7
P E 0 ~ P E 7
1 0 m F
O S C 2
O S C 1
4 M H z ~
8 M H z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com