Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT86A72 Datasheet(PDF) 67 Page - Holtek Semiconductor Inc

Part # HT86A72
Description  A/D Type Voice 8-Bit MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86A72 Datasheet(HTML) 67 Page - Holtek Semiconductor Inc

Back Button HT86A72 Datasheet HTML 60Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 61Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 62Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 63Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 64Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 65Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 66Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 67Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 68Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 67 / 68 page
background image
64-pin LQFP (10mm
´10mm) Outline Dimensions
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
11.9
¾
12.1
B
9.9
¾
10.1
C
11.9
¾
12.1
D
9.9
¾
10.1
E
¾
0.5
¾
F
¾
0.2
¾
G
1.35
¾
1.45
H
¾¾
1.6
I
¾
0.1
¾
J
0.45
¾
0.75
K
0.1
¾
0.2
a
0
°¾
7
°
HT86Axx/HT86ARxx
Rev. 1.00
67
March 19, 2010
4 8
4 9
3 3
3 2
6 4
1
1 6
1 7
A
B
C
D
E
F
G
H
I
J
K
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com