Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT86AR72 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT86AR72
Description  A/D Type Voice 8-Bit MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86AR72 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT86AR72 Datasheet HTML 8Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 9Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 10Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 11Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 12Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 13Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 14Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 15Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
VLVR
Low Voltage Reset
¾ LVR 2.1V option
2.0
2.1
2.2
V
VLVD1
Low Voltage Detect
¾ LVD 2.2V
1.9
¾
2.5
V
VLVD2
Low Voltage Detect
¾ LVD 2.3V
2.0
¾
2.6
V
VLVD3
Low Voltage Detect
¾ LVD 2.4V
2.1
¾
2.7
V
VLVD4
Low Voltage Detect
¾ LVD 2.5V
2.2
¾
2.8
V
IOL1
I/O Port Sink Current
(For PA0~PA7, PB0~PB7,
PC0~PC7, PD4~PD7,
PE0~PE7)
3V
VOL=0.1VDD
4
¾¾
mA
5V
10
¾¾
mA
IOH1
I/O Port Source Current
(For PA0~PA7, PB0~PB7,
PC0~PC7, PD4~PD7,
PE0~PE7)
3V
VOH=0.9VDD
-2
¾¾
mA
5V
-5
¾¾
mA
IOL2
I/O Port Sink Current
(For PD0~PD3)
3V
VOL=0.1VDD
8
¾¾
mA
5V
20
¾¾
mA
IOH2
I/O Port Source Current
(For PD0~PD3)
3V
VOH=0.9VDD
-2
¾¾
mA
5V
-5
¾¾
mA
IAUD
AUD Source Current
3V
VOH=0.9VDD
-1.5
¾¾
mA
5V
-3
¾¾
mA
RPH
Pull-high Resistance
3V
¾
20
60
100
k
W
5V
10
30
50
k
W
VAD
A/D Input/Output
¾¾
0
¾
VREF
V
VREF
ADC Input Reference Voltage
Range
3V AVDD=3V
1.3
¾
AVDD
V
5V AVDD=5V
1.5
¾
AVDD
V
DNL
ADC Differential Non-Linear
¾
AVDD=5V, VREF=AVDD,
tAD=1
ms
¾¾
±2.0
LSB
INL
ADC Integral Non-Linear
¾
AVDD=5V, VREF=AVDD,
tAD=1
ms
¾±2.5
±4.0
LSB
RESOLU Resolution
¾¾
¾
¾
12
bits
IADC
Additional Power Consumption
if A/D Converter is Used
3V
No load, tAD=1
ms
¾
0.5
1.0
mA
5V
¾
1.5
3.0
mA
HT86Axx/HT86ARxx
Rev. 1.00
12
March 19, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com