Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT86AR72 Datasheet(PDF) 42 Page - Holtek Semiconductor Inc

Part # HT86AR72
Description  A/D Type Voice 8-Bit MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86AR72 Datasheet(HTML) 42 Page - Holtek Semiconductor Inc

Back Button HT86AR72 Datasheet HTML 38Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 39Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 40Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 41Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 42Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 43Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 44Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 45Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 46Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
HT86Axx/HT86ARxx
Rev. 1.00
42
March 19, 2010
Voice ROM Data Address Latch Counter
The Voice ROM address is 21-bits wide and therefore requires three registers to store the address. There are two sets
of three registers to store this address, which are LATCH0H/LATCH0M/LATCH0L and LATCH1H/
LATCH1M/LATCH1L. The 21-bit address stored in one set of these three registers is used to access the 8-bit voice
code data in the Voice ROM. After the 8-bit Voice ROM data is addressed, a few instruction cycles, of at least 4us dura-
tion, are needed to latch the Voice ROM data. After this the microcontroller can read the voice data from the LATCHD
register.
Example: Read an 8-bit voice ROM data which is located at address 000007H by address latch 0
Set
[26H].2
; Enable voice ROM circuit
mov
A, 07H
;
mov
LATCH0L, A
; Set LATCH0L to 07H
mov
A, 00H
;
mov
LATCH0M, A
; Set LATCH0M to 00H
mov
A, 00H
;
mov
LATCH0H, A
; Set LATCH0H to 00H
call
Delay
; Delay a short period of time
mov
A, LATCHD
; Get voice data at 000007H
Power Amplifier
Each device contains an audio power amplifier which is
an integrated class AB monophonic type speaker driver.
It has the properties of high S/N ratio, high slew rate,
low distortion, large output voltage swing, excellent
power supply ripple rejection, low power consumption,
low standby current and power off control etc.
Aud In: Audio input
VBIAS: Speaker non-inverting input voltage reference
SP+:Audio Positive output
SP-: Audio Negative output
OUTP Rising Time (tR)
When AMP_EN enables the Power Amplifer, note that it
requires a certain time before it can output fully on the
OUTP pin. However, this delay time depends on the
value of C1. The C1 capacitor is connected between
VBIAS and VSS.
A M P 1
A M P 2
V B I A S
1 0 R
S P -
A u d I n
B I A S
R
R
R
S P +
A M P _ E N
S P K
C 1
0 . 1 m F
A M P _ E N
O U T P
t R
Capacitor
0.1
mF1mF
4.7
mF10mF
tR
Voltage
2.2V
15ms
30ms
90ms
185ms
3V
15ms
30ms
90ms
185ms
4
15ms
30ms
90ms
185ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com