Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9867 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9867
Description  Ultra-Low Power Stereo Audio Codec
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9867 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9867 Datasheet HTML 1Page - Maxim Integrated Products MAX9867 Datasheet HTML 2Page - Maxim Integrated Products MAX9867 Datasheet HTML 3Page - Maxim Integrated Products MAX9867 Datasheet HTML 4Page - Maxim Integrated Products MAX9867 Datasheet HTML 5Page - Maxim Integrated Products MAX9867 Datasheet HTML 6Page - Maxim Integrated Products MAX9867 Datasheet HTML 7Page - Maxim Integrated Products MAX9867 Datasheet HTML 8Page - Maxim Integrated Products MAX9867 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
General Description
The MAX9867 is an ultra-low power stereo audio codec
designed for portable consumer devices such as
mobile phones and portable gaming consoles.
The device features stereo differential microphone inputs
that can be connected to either analog or digital micro-
phones. The single-ended line inputs, with configurable
preamplifier, can be sent to the ADC for record or routed
directly to the headphone amplifier for playback. An aux-
iliary ADC path can be used to track any DC voltage.
The stereo headphone amplifiers support differential,
single-ended, and capacitorless output configurations.
Using the capacitorless output configuration, the
device can output 10mW into 32
Ω headphones.
Comprehensive click-and-pop circuitry suppresses
audible clicks and pops during volume changes and
startup or shutdown.
Utilizing Maxim’s proprietary digital circuitry, the device
can accept any available 10MHz to 60MHz system
clock. This architecture eliminates the need for an
external PLL and multiple crystal oscillators. The stereo
ADC and DAC paths provide user-configurable voice-
band or audioband digital filters. Voiceband filters pro-
vide extra attenuation at the GSM packet frequency
and greater than 70dB stopband attenuation at fS/2.
The MAX9867 operates from a single 1.8V supply, and
supports a 1.65V to 3.6V logic level. An I2C 2-wire seri-
al interface provides control for volume levels, signal
mixing, and general operating modes.
The MAX9867 is available in a tiny 2.2mm x 2.7mm,
0.4mm-ball-pitch, WLP package. A 32-pin 5mm x 5mm
TQFN package is also available.
Features
o 1.8V Single-Supply Operation
o 6.7mW Playback Power Consumption
o 90dB Stereo DAC, 8kHz ≤ fs ≤ 48kHz
o 85dB Stereo ADC, 8kHz ≤ fs ≤ 48kHz
o Battery-Measurement Auxiliary ADC
o Support for Any Master Clock Between 10MHz to
60MHz
o Stereo Digital Microphone Input Support
o Stereo Analog Differential Microphone Inputs
o Stereo Headphone Amplifiers: Differential,
Single-Ended, or Capacitorless
o Stereo Line Inputs
o Voiceband Filter with a Stopband Attenuation
Greater than 70dB
o 1.65V to 3.6V Digital Interface Supply Voltage
o I2S/TDM-Compatible Digital Audio Bus
o 30-Bump, 2.2mm x 2.7mm 0.4mm-Pitch WLP
Ultra-Low Power Stereo Audio Codec
________________________________________________________________
Maxim Integrated Products
1
19-4573; Rev 1; 5/10
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX9867EWV+
-40°C to +85°C
30 WLP
MAX9867ETJ+
-40°C to +85°C
32 TQFN-EP*
+
Denotes lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
Applications
Cell Phones
Portable Gaming Devices
Portable Navigation Devices
Portable Multimedia Players
Wireless Headsets
MAX9867
ADC
AUDIO DIGITAL
FILTERS
DAC
DAC
MIX
MIX
DIGITAL AUDIO INTERFACE
DIGITAL MICROPHONE
INTERFACE
CONTROL
INTERFACE
HEADPHONE
AMP
RIGHT MIC AMP
LEFT MIC AMP
LEFT PREAMP
RIGHT PREAMP
LINEIN 1
LINEIN 2
HEADPHONE
AMP
I2C
I2S/PCM
ADC
Simplified Block Diagram


Similar Part No. - MAX9867

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867 Datasheet
865Kb / 54P
Ultra-Low Power Stereo Audio Codec
Rev 0; 4/09
MAX9867 MAXIM-MAX9867 Datasheet
983Kb / 55P
Ultra-Low Power Stereo Audio Codec
Rev 2; 6/10
MAX9867 MAXIM-MAX9867 Datasheet
1Mb / 24P
Isolation Header for Direct Communication with the MAX9867 I2C and Digital Audio Interfaces
Rev 1; 7/16
logo
Analog Devices
MAX9867 AD-MAX9867 Datasheet
2Mb / 56P
Ultra-Low Power Stereo Audio Codec
Rev 4; 12/21
logo
Maxim Integrated Produc...
MAX9867ETJ+ MAXIM-MAX9867ETJ+ Datasheet
865Kb / 54P
Ultra-Low Power Stereo Audio Codec
Rev 0; 4/09
More results

Similar Description - MAX9867

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3204 TI-TLV320AIC3204 Datasheet
2Mb / 159P
Ultra Low Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867 Datasheet
865Kb / 54P
Ultra-Low Power Stereo Audio Codec
Rev 0; 4/09
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206 Datasheet
963Kb / 42P
Ultra Low Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Texas Instruments
TLV320AIC3204 TI1-TLV320AIC3204_14 Datasheet
1Mb / 53P
Ultra Low Power Stereo Audio Codec
TLV320AIC3206 TI1-TLV320AIC3206_14 Datasheet
1Mb / 51P
Ultra Low-Power Stereo Audio Codec
TLV320AIC3254 TI1-TLV320AIC3254_14 Datasheet
1Mb / 53P
Ultra Low Power Stereo Audio Codec
TLV320AIC3206 TI1-TLV320AIC3206_17 Datasheet
1Mb / 51P
Ultra Low-Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX98090 MAXIM-MAX98090 Datasheet
8Mb / 170P
Ultra-Low Power Stereo Audio Codec
19-6492; Rev 4; 11/18
MAX9867 MAXIM-MAX9867_V01 Datasheet
2Mb / 56P
Ultra-Low Power Stereo Audio Codec
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com