Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9867 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9867
Description  Ultra-Low Power Stereo Audio Codec
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9867 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9867 Datasheet HTML 1Page - Maxim Integrated Products MAX9867 Datasheet HTML 2Page - Maxim Integrated Products MAX9867 Datasheet HTML 3Page - Maxim Integrated Products MAX9867 Datasheet HTML 4Page - Maxim Integrated Products MAX9867 Datasheet HTML 5Page - Maxim Integrated Products MAX9867 Datasheet HTML 6Page - Maxim Integrated Products MAX9867 Datasheet HTML 7Page - Maxim Integrated Products MAX9867 Datasheet HTML 8Page - Maxim Integrated Products MAX9867 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
Ultra-Low Power Stereo Audio Codec
_______________________________________________________________________________________
5
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DAC STEREO AUDIO MODE DIGITAL DC BLOCKING HIGHPASS FILTER
Passband Cutoff
(-3dB from Peak)
fDHPPB
DVFLT = 0x1
0.000625
x fS
Hz
DC Attenuation
DCATTEN
DVFLT = 0x1
90
dB
ADC (Note 6)
fS = 8kHz, MODE = 0 (IIR voice)
75
84
Dynamic Range (Note 5)
DR
fS = 8kHz to 48kHz, MODE = 1 (FIR audio)
85
dB
Full-Scale Input
Differential MIC input or stereo-line inputs,
AVPRE = 0dB, AVPGAM = 0dB
1VP-P
Gain Error (Note 7)
DC accuracy, measured with respect to
80% of full-scale output
15%
fS = 8kHz
1.2
Voice Path Phase Delay
PDLY
f = 1kHz, 0dBFS, HP
filter disabled,
analog input to
digital output
fS = 16kHz
0.61
ms
Total Harmonic Distortion
THD
f = 1kHz, fS = 8kHz, TA = +25°C, 0dBFS
-81
-70
dB
ADC Level Adjust Range
AVADC
AVL/AVR = 0xF to 0x0
-12
+3
dB
VAVDD = 1.65V to 1.95V, input referred
60
85
f = 217Hz, VRIPPLE = 100mV, AVADC = 0dB,
input referred
85
f = 1kHz, VRIPPLE = 100mV, AVADC = 0dB,
input referred
80
Power-Supply Rejection Ratio
PSRR
f = 10kHz, VRIPPLE = 100mV, AVADC = 0dB,
input referred
80
dB
ADC VOICE MODE DIGITAL IIR LOWPASS FILTER
With respect to fS within ripple;
fS = 8kHz to 48kHz
0.445 x
fS
Passband Cutoff
fPLP
-3dB cutoff
0.449 x
fS
Hz
Passband Ripple
f < fPLP
±0.1
dB
Stopband Cutoff
fSLP
With respect to fS; fS = 8kHz to 48kHz
0.469 x
fS
Hz
Stopband Attenuation
f > fSLP, f = 20Hz to 20kHz
74
dB
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = VPVDD = VDVDD = VDVDDIO = +1.8V, RL = ∞, headphone load (RL) connected between _OUTP and _OUTN in differential
mode, CREF = 2.2µF, CMICBIAS = CPREG = CREG = 1µF, AVPRE = +20dB, AVPGAM = 0dB, AVDAC = 0dB, AVLINE = +20dB, AVVOL =
0dB, MCLK = 13MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com