Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15059 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX15059
Description  76V, 300mW Boost Converter and Current Monitor for APD Bias Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15059 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX15059 Datasheet HTML 6Page - Maxim Integrated Products MAX15059 Datasheet HTML 7Page - Maxim Integrated Products MAX15059 Datasheet HTML 8Page - Maxim Integrated Products MAX15059 Datasheet HTML 9Page - Maxim Integrated Products MAX15059 Datasheet HTML 10Page - Maxim Integrated Products MAX15059 Datasheet HTML 11Page - Maxim Integrated Products MAX15059 Datasheet HTML 12Page - Maxim Integrated Products MAX15059 Datasheet HTML 13Page - Maxim Integrated Products MAX15059 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10 _____________________________________________________________________________________
76V, 300mW Boost Converter and Current
Monitor for APD Bias Applications
Pin Description (continued)
Functional Diagram
PIN
NAME
FUNCTION
12
APD
Reference Current Output. APD provides the source current to the cathode of the photodiode.
13
BIAS
Bias-Voltage Input. Connect BIAS to the boost converter output (VOUT) either directly or through a
lowpass filter for ripple attenuation. BIAS provides the voltage bias for the current monitor and is the
current source for APD.
14, 15
LX
Drain of Internal 80V n-Channel DMOS. Connect inductor to LX. Minimize the trace area at LX to reduce
switching-noise emission.
—
EP
Exposed Paddle. Connect to a large copper plane at the SGND and PGND potential to improve thermal
dissipation. Do not use as the only ground connection.
OSCILLATOR
400kHz
SHDN
FB
LX
80V
DMOS
PGND
CLAMP
MOUT
RLIM
APD
ILIM
1X
1X (A)
5X (B)
VREF
SGND
CNTRL
REFERENCE
COMPARATOR
-A
+A
-C
+C
MUX
SOFT-
START
SWITCH
CONTROL
LOGIC
CONTROL
MONITOR
SWITCH
CURRENT
SENSE
CURRENT-
LIMIT
ADJUSTMENT
CURRENT
LIMIT
UVLO
BIAS
AND REF
VREF
PEAK
CURRENT-LIMIT
COMPARATOR
IN
VREF
CLK
THERMAL
SHUTDOWN
BIAS
MAX15059
OUTPUT ERROR
AND CURRENT COMPARATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com