Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15059 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX15059
Description  76V, 300mW Boost Converter and Current Monitor for APD Bias Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15059 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX15059 Datasheet HTML 7Page - Maxim Integrated Products MAX15059 Datasheet HTML 8Page - Maxim Integrated Products MAX15059 Datasheet HTML 9Page - Maxim Integrated Products MAX15059 Datasheet HTML 10Page - Maxim Integrated Products MAX15059 Datasheet HTML 11Page - Maxim Integrated Products MAX15059 Datasheet HTML 12Page - Maxim Integrated Products MAX15059 Datasheet HTML 13Page - Maxim Integrated Products MAX15059 Datasheet HTML 14Page - Maxim Integrated Products MAX15059 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
______________________________________________________________________________________ 13
76V, 300mW Boost Converter and Current
Monitor for APD Bias Applications
Diode Selection
The MAX15059’s high switching frequency demands a
high-speed rectifier. Schottky diodes are recommended
for most applications because of their fast recovery time
and low forward-voltage drop. Ensure that the diode’s
peak current rating is greater than the peak inductor cur-
rent. Also, the diode breakdown voltage must be greater
than VOUT.
Output Filter Capacitor Selection
For most applications, use a small output capacitor of
0.1FF or greater. To achieve low output ripple, a capaci-
tor with low ESR, low ESL, and high capacitance value
should be selected. If tantalum or electrolytic capacitors
are used to achieve high capacitance values, always
add a smaller ceramic capacitor in parallel to bypass the
high-frequency components of the diode current. The
higher ESR and ESL of electrolytic capacitors increase
the output ripple and peak-to-peak transient voltage.
Assuming the contribution from the ESR and capacitor
discharge equals 50% (proportions may vary), calculate
the output capacitance and ESR required for a specified
ripple using the following equations:
[ ]
OUT
LPEAK
OPTIMUM
OUT
S
OUT
OUT
IN_MIN
OUT
OUT
I
I
x L
C
[ F]
t
0.5 x V
(V
V
)
0.5 x V
ESR m
I
µ =
Ω =
For very-low-output-ripple applications, the output of the
boost converter can be followed by an RC filter to further
reduce the ripple. Figure 2 shows a 100I, 0.1FF (RF CF)
filter used to reduce the switching output ripple to 1mVP-
P with a 0.1mA load or 1mVP-P with a 4mA load. The
output voltage regulation resistive divider must remain
connected to the diode/output capacitor node.
Use X7R ceramic capacitors for more stability over the
full temperature range.
Input-Capacitor Selection
Bypass IN to PGND with a 1FF (min) ceramic capacitor.
Depending on the supply source impedance, higher val-
ues may be needed. Make sure that the input capacitors
are close enough to the IC to provide adequate decou-
pling at IN as well. If the layout cannot achieve this,
add another 0.1FF ceramic capacitor between IN and
PGND in the immediate vicinity of the IC. Bulk aluminum
electrolytic capacitors may be needed to avoid chatter-
ing at low-input voltage. In case of aluminum electrolytic
capacitors, calculate the capacitor value and ESR of the
input capacitor using the following equations:
[ ]
OUT
OUT
LPEAK
OPTIMUM
OUT
IN
S
IN_MIN
IN
IN_MIN OUT
IN_MIN
IN
IN_MIN
OUT
OUT
V
x I
I
x L
x V
C [ F]
t
x V
x 0.5 x V
V
(V
V
)
0.5 x V
x x V
ESR m
V
x I
µ =
η
η
Ω =
Figure 2. Typical Operating Circuit with RC Filter
CNTRL
SHDN
IN
SGND
VIN = 2.8V
TO 5.5V
PGND
CIN
L1
CIN
FB
BIAS
LX
VOUT
R2
R1
COUT
CF
D1
RF
MAX15059



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com