Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8308CVMADDA Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MPC8308CVMADDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308CVMADDA Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MPC8308CVMADDA Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 0
34
Freescale Semiconductor
PCI Express
10.2.4.1
Spread Spectrum Clock
SD_REF_CLK/SD_REF_CLK are not intended to be used with, and should not be clocked by, a spread
spectrum clock source.
10.3
SerDes Transmitter and Receiver Reference Circuits
Figure 26 shows the reference circuits for SerDes data lane’s transmitter and receiver.
Figure 26. SerDes Transmitter and Receiver Reference Circuits
The DC and AC specification of SerDes data lanes are defined in Section 11, “PCI Express.”
Note that external AC Coupling capacitor is required for the PCI Express serial transmission protocol with
the capacitor value defined in specification of PCI Express protocol section.
11 PCI Express
This section describes the DC and AC electrical specifications for the PCI Express bus.
11.1
DC Requirements for PCI Express SD_REF_CLK and
SD_REF_CLK
For more information, see Section 10.2, “SerDes Reference Clocks.”
11.2
AC Requirements for PCI Express SerDes Clocks
Table 33 lists the PCI Express SerDes clock AC requirements.
Table 33. SD_REF_CLK and SD_REF_CLK AC Requirements
Symbol
Parameter Description
Min
Typ
Max
Units
Notes
tREF
REFCLK cycle time (for 125 MHz and 100 MHz)
8
10
—
ns
—
tREFCJ
REFCLK cycle-to-cycle jitter. Difference in the period
of any two adjacent REFCLK cycles.
——
100
ps
—
tREFPJ
Phase jitter. Deviation in edge location with respect to
mean edge location.
–50
—
50
ps
—
50
Ω
50
Ω
Receiver
Transmitter
TXn
TXn
RXn
RXn
50
Ω
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com