Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8308CVMAGDA Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC8308CVMAGDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308CVMAGDA Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC8308CVMAGDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8308CVMAGDA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8308CVMAGDA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8308CVMAGDA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8308CVMAGDA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8308CVMAGDA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8308CVMAGDA Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8308CVMAGDA Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8308CVMAGDA Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 88 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 0
12
Freescale Semiconductor
DDR2 SDRAM
Figure 4 illustrates the DDR2 input timing diagram showing the tDISKEW timing parameter.
Figure 4. Timing Diagram for tDISKEW
6.2.2
DDR2 SDRAM Output AC Timing Specifications
Table 18. DDR2 SDRAM Output AC Timing Specifications
Parameter
Symbol 1
Min
Max
Unit
Notes
MCK[n] cycle time, MCK[n]/MCK[n] crossing
tMCK
7.5
10
ns
2
ADDR/CMD output setup with respect to MCK
tDDKHAS
ns
3
266 MHz
2.9
—
ADDR/CMD output hold with respect to MCK
tDDKHAX
ns
3
266 MHz
2.33
—
MCS[n] output setup with respect to MCK
tDDKHCS
ns
3
266 MHz
3.15
—
MCS[n] output hold with respect to MCK
tDDKHCX
ns
3
266 MHz
3.15
—
MCK to MDQS Skew
tDDKHMH
–0.6
0.6
ns
4
MDQ//MDM/MECC output setup with respect to
MDQS
tDDKHDS,
tDDKLDS
ps
5
266 MHz
900
—
MDQ//MDM/MECC output hold with respect to
MDQS
tDDKHDX,
tDDKLDX
ps
5
266 MHz
1100
—
MCK[n]
MCK[n]
tMCK
MDQ[x]/
MDQS[n]
tDISKEW
D1
D0
tDISKEW
MECC[x]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com