Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1826 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1826
Description  1000 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1826 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1826 Datasheet HTML 7Page - Microchip Technology MCP1826 Datasheet HTML 8Page - Microchip Technology MCP1826 Datasheet HTML 9Page - Microchip Technology MCP1826 Datasheet HTML 10Page - Microchip Technology MCP1826 Datasheet HTML 11Page - Microchip Technology MCP1826 Datasheet HTML 12Page - Microchip Technology MCP1826 Datasheet HTML 13Page - Microchip Technology MCP1826 Datasheet HTML 14Page - Microchip Technology MCP1826 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
© 2007 Microchip Technology Inc.
DS22057A-page 11
MCP1826/MCP1826S
Note: Unless otherwise indicated, COUT = 4.7 µF Ceramic (X7R), CIN = 4.7 µF Ceramic (X7R), IOUT = 1 mA,
Temperature = +25°C, VIN = VOUT + 0.6V, Fixed output.
FIGURE 2-7:
Dropout Voltage vs. Load
Current (Adjustable Version).
FIGURE 2-8:
Dropout Voltage vs.
Temperature (Adjustable Version).
FIGURE 2-9:
Power Good (PWRGD)
Time Delay vs. Temperature.
FIGURE 2-10:
Quiescent Current vs. Input
Voltage.
FIGURE 2-11:
Quiescent Current vs. Input
Voltage.
FIGURE 2-12:
Ground Current vs. Load
Current.
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
200
400
600
800
1000
Load Current (mA)
VOUT = 2.5V Adj
VOUT = 5.0V Adj
0.19
0.22
0.25
0.28
0.31
0.34
-45
-20
5
30
55
80
105
130
Temperature (°C)
VOUT = 5.0V Adj
VOUT = 2.5V Adj
IOUT = 1.0A
100.0000
110.0000
120.0000
130.0000
140.0000
150.0000
160.0000
170.0000
-45
-20
5
30
55
80
105 130
Temperature (°C)
VOUT = 2.5V
IOUT= 0 mA
VIN = 3.9V
VIN = 6.0V
VIN = 5.0V
VIN = 3.1V
90
100
110
120
130
140
150
2345
6
Input Voltage (V)
+130°C
VOUT = 0.8V
IOUT = 0 mA
-45°C
+90°C
+25°C
0°C
80
90
100
110
120
130
140
150
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
VOUT = 2.5V
IOUT = 0 mA
+130
°C
-45
°C
+25
°C
+90
°C
0°C
60
80
100
120
140
160
180
200
0
250
500
750
1000
Load Current (mA)
VIN = 2.3V for VR=0.8V
VIN = 3.9V for VR=3.3V
VOUT=0.8V
VOUT=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com