Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1826 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP1826
Description  1000 mA, Low Voltage, Low Quiescent Current LDO Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1826 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP1826 Datasheet HTML 12Page - Microchip Technology MCP1826 Datasheet HTML 13Page - Microchip Technology MCP1826 Datasheet HTML 14Page - Microchip Technology MCP1826 Datasheet HTML 15Page - Microchip Technology MCP1826 Datasheet HTML 16Page - Microchip Technology MCP1826 Datasheet HTML 17Page - Microchip Technology MCP1826 Datasheet HTML 18Page - Microchip Technology MCP1826 Datasheet HTML 19Page - Microchip Technology MCP1826 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
MCP1826/MCP1826S
DS22057A-page 16
© 2007 Microchip Technology Inc.
4.0
DEVICE OVERVIEW
The MCP1826/MCP1826S is a high output current,
Low Dropout (LDO) voltage regulator. The low dropout
voltage of 300 mV typical at 1000 mA of current makes
it ideal for battery-powered applications. Unlike other
high output current LDOs, the MCP1826/MCP1826S
only draws a maximum of 220 µA of quiescent current.
The MCP1826 has a shutdown control input and a
power good output.
4.1
LDO Output Voltage
The 5-pin MCP1826 LDO is available with either a fixed
output voltage or an adjustable output voltage. The
output voltage range is 0.8V to 5.0V for both versions.
The 3-pin MCP1826S LDO is available as a fixed
voltage device.
4.1.1
ADJUST INPUT
The adjustable version of the MCP1826 uses the ADJ
pin (pin 5) to get the output voltage feedback for output
voltage regulation. This allows the user to set the
output voltage of the device with two external resistors.
The nominal voltage for ADJ is 0.41V.
Figure 4-1 shows the adjustable version of the
MCP1826. Resistors R1 and R2 form the resistor
divider network necessary to set the output voltage.
With this configuration, the equation for setting VOUT is:
EQUATION 4-1:
FIGURE 4-1:
Typical adjustable output
voltage application circuit.
The allowable resistance value range for resistor R2 is
from 10 k
Ω to 200 kΩ. Solving the equation for R1
yields the following equation:
EQUATION 4-2:
4.2
Output Current and Current
Limiting
The MCP1826/MCP1826S LDO is tested and ensured
to supply a minimum of 1000 mA of output current. The
MCP1826/MCP1826S has no minimum output load, so
the output load current can go to 0 mA and the LDO will
continue to regulate the output voltage to within
tolerance.
The MCP1826/MCP1826S also incorporates an output
current limit. If the output voltage falls below 0.7V due
to an overload condition (usually represents a shorted
load condition), the output current is limited to 2.2A
(typical). If the overload condition is a soft overload, the
MCP1826/MCP1826S will supply higher load currents
of up to 2.5A. The MCP1826/MCP1826S should not be
operated in this condition continuously as it may result
in failure of the device. However, this does allow for
device usage in applications that have higher pulsed
load currents having an average output current value of
1000 mA or less.
Output overload conditions may also result in an over-
temperature shutdown of the device. If the junction
temperature rises above 150°C, the LDO will shut
down the output voltage. See Section 4.8 “Overtem-
perature Protection” for more information on
overtemperature shutdown.
4.3
Output Capacitor
The MCP1826/MCP1826S requires a minimum output
capacitance of 1 µF for output voltage stability. Ceramic
capacitors are recommended because of their size,
cost and environmental robustness qualities.
Aluminum-electrolytic and tantalum capacitors can be
used on the LDO output as well. The Equivalent Series
Resistance (ESR) of the electrolytic output capacitor
must be no greater than 1 ohm. The output capacitor
should be located as close to the LDO output as is
practical. Ceramic materials X7R and X5R have low
temperature coefficients and are well within the
acceptable ESR range required. A typical 1 µF X7R
0805 capacitor has an ESR of 50 milli-ohms.
Larger LDO output capacitors can be used with the
MCP1826/MCP1826S
to
improve
dynamic
performance and power supply ripple rejection
performance. A maximum of 22 µF is recommended.
Aluminum-electrolytic capacitors are not recom-
mended for low-temperature applications of
≤ 25°C.
VOUT
VADJ
R1 R2
+
R2
------------------
⎝⎠
⎛⎞
=
Where:
VOUT
=
LDO Output Voltage
VADJ
=ADJ Pin Voltage
(typically 0.41V)
SHDN
GND
ADJ
2
1µF
VOUT
4.7 µF
VIN
On
Off
R1
R2
C1
C2
MCP1826-ADJ
1
3 4 5
R1
R2
VOUT VADJ
–
VADJ
--------------------------------
⎝⎠
⎛⎞
=
Where:
VOUT
=
LDO Output Voltage
VADJ
=ADJ Pin Voltage
(typically 0.41V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com