Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4902-E/SL Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP4902-E/SL
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4902-E/SL Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP4902-E/SL Datasheet HTML 16Page - Microchip Technology MCP4902-E/SL Datasheet HTML 17Page - Microchip Technology MCP4902-E/SL Datasheet HTML 18Page - Microchip Technology MCP4902-E/SL Datasheet HTML 19Page - Microchip Technology MCP4902-E/SL Datasheet HTML 20Page - Microchip Technology MCP4902-E/SL Datasheet HTML 21Page - Microchip Technology MCP4902-E/SL Datasheet HTML 22Page - Microchip Technology MCP4902-E/SL Datasheet HTML 23Page - Microchip Technology MCP4902-E/SL Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
MCP4902/4912/4922
DS22250A-page 20
 2010 Microchip Technology Inc.
FIGURE 4-2:
Example for DNL Accuracy.
4.1.3
OFFSET ERROR
An offset error is the deviation from zero voltage output
when the digital input code is zero.
4.1.4
GAIN ERROR
A gain error is the deviation from the ideal output,
VREF– 1 LSb, excluding the effects of offset error.
4.2
Circuit Descriptions
4.2.1
OUTPUT AMPLIFIERS
The DAC’s outputs are buffered with a low-power,
precision CMOS amplifier. This amplifier provides low
offset voltage and low noise. The output stage enables
the device to operate with output voltages close to the
power supply rails. Refer to Section 1.0 “Electrical
Characteristics” for the analog output voltage range
and load conditions.
In addition to resistive load driving capability, the
amplifier will also drive high capacitive loads without
oscillation. The amplifier’s strong outputs allow VOUT to
be used as a programmable voltage reference in a
system.
Selecting a gain of 2 reduces the bandwidth of the
amplifier in Multiplying mode. Refer to Section 1.0
“Electrical Characteristics” for the Multiplying mode
bandwidth for given load conditions.
4.2.1.1
Programmable Gain Block
The rail-to-rail output amplifier has configurable gain,
allowing optimal full-scale outputs for different voltage
reference inputs. The output amplifier gain has two
selections, a gain of 1x (<GA> = 1) or a gain of 2x
(<GA> = 0).
The default value is a gain of 2 (<GA> = 0).
4.2.2
VOLTAGE REFERENCE
AMPLIFIERS
The input buffer amplifiers for the MCP4902/4912/4922
devices provide low offset voltage and low noise. A
Configuration bit for each DAC allows the VREF input to
bypass the VREF input buffer amplifiers, achieving a
Buffered or Unbuffered mode. Buffered mode provides
a very high input impedance, with only minor limitations
on the input range and frequency response.
Unbuffered (<BUF> = 0) is the default configuration.
Unbuffered mode provides a wide input range (0V to
VDD), with a typical input impedance of 165 k with
7pF.
4.2.3
POWER-ON RESET CIRCUIT
The internal Power-on Reset (POR) circuit monitors the
power supply voltage (VDD) during the device
operation. The circuit also ensures that the DACs
power-up with high output impedance (<SHDN> = 0,
typically 500 k
. The devices will continue to have a
high-impedance output until a valid write command is
performed to either of the DAC registers and the LDAC
pin meets the input low threshold.
If the power supply voltage is less than the POR
threshold (VPOR = 2.0V, typical), the DACs will be held
in their Reset state. The DACs will remain in that state
until VDD > VPOR and a subsequent write command is
received.
Figure 4-3 shows a typical power supply transient
pulse and the duration required to cause a reset to
occur, as well as the relationship between the duration
and trip voltage. A 0.1 µF decoupling capacitor,
mounted as close as possible to the VDD pin, can
provide additional transient immunity.
FIGURE 4-3:
Typical Transient Response.
111
110
101
100
011
010
001
000
Digital
Input
Code
Actual
transfer
function
Ideal transfer
function
Narrow code, < 1 LSb
DAC Output
Wide code, > 1 LSb
Transients
above
the
Transients below the
5V
Time
Transient Duration
VPOR
VDD - VPOR
TA
=
10
8
6
4
2
0
1
2
345
VDD – VPOR (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com