Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4902-E/SL Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP4902-E/SL
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4902-E/SL Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP4902-E/SL Datasheet HTML 26Page - Microchip Technology MCP4902-E/SL Datasheet HTML 27Page - Microchip Technology MCP4902-E/SL Datasheet HTML 28Page - Microchip Technology MCP4902-E/SL Datasheet HTML 29Page - Microchip Technology MCP4902-E/SL Datasheet HTML 30Page - Microchip Technology MCP4902-E/SL Datasheet HTML 31Page - Microchip Technology MCP4902-E/SL Datasheet HTML 32Page - Microchip Technology MCP4902-E/SL Datasheet HTML 33Page - Microchip Technology MCP4902-E/SL Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
MCP4902/4912/4922
DS22250A-page 30
 2010 Microchip Technology Inc.
6.5
Bipolar Operation
Bipolar operation is achievable using the MCP4902/
4912/4922 family of devices by using an external
operational amplifier (op amp). This configuration is
desirable due to the wide variety and availability of op
amps. This allows a general purpose DAC, with its cost
and availability advantages, to meet almost any
desired output voltage range, power and noise
performance.
Example 6-3 illustrates a simple bipolar voltage source
configuration. R1 and R2 allow the gain to be selected,
while R3 and R4 shift the DAC’s output to a selected
offset. Note that R4 can be tied to VREF instead of VSS,
if a higher offset is desired. Also note that a pull-up to
VREF could be used instead of R4, if a higher offset is
desired.
EXAMPLE 6-3:
DIGITALLY-CONTROLLED BIPOLAR VOLTAGE SOURCE
6.5.1
DESIGN EXAMPLE: DESIGN A BIPOLAR
DAC USING EXAMPLE 6-3 WITH 12-BIT
MCP4922 OR MCP4921
An output step magnitude of 1 mV with an output range
of ±2.05V is desired for a particular application.
The following steps show the details:
Step 1: Calculate the range: +2.05V – (-2.05V) = 4.1V.
Step 2: Calculate the resolution needed:
4.1V/1 mV = 4100
Since 212 = 4096, 12-bit resolution is
desired.
Step 3:The amplifier gain (R2/R1), multiplied by VREF,
must be equal to the desired minimum output
to achieve bipolar operation. Since any gain
can be realized by choosing resistor values
(R1+R2), the VREF source needs to be deter-
mined first. If a VREF of 4.1V is used, solve for
the gain by setting the DAC to 0, knowing that
the output needs to be -2.05V. The equation
can be simplified to:
Step 4: Next, solve for R3 and R4 by setting the DAC to
4096, knowing that the output needs to be
+2.05V.
VREF
VREF
VDD
SPI
3
VOUT
R3
R4
2
R1
VIN+
0.1 µF
VCC+
VCC–
VO
VIN+
VOUTR4
R3 R4
+
--------------------
=
VO
VIN+ 1
R2
R1
------
+

 V
DD
R2
R1
------


–
=
G = Gain selection (1x or 2x)
Dn = Digital value of DAC (0-255) for MCP4901/MCP4902
VOUT
VREF G
Dn
2
N
------

=
= Digital value of DAC (0-1023) for MCP4911/MCP4912
= Digital value of DAC (0-4095) for MCP4921/MCP4922
N = DAC Bit Resolution
DAC
MCP4901
MCP4911
MCP4921
(a) Single Output DAC:
(b) Dual Output DAC:
MCP4902
MCP4912
MCP4922
R2
–
R1
---------
2.05
–
VREF
-------------
2.05
–
4.1
-------------
==
If R1 = 20 k and R2 = 10 k, the gain will be 0.5.
R2
R1
------
1
2
---
=
R4
R3 R4
+

-----------------------
2.05V 0.5VREF
+
1.5VREF
-----------------------------------------
2
3
---
==
If R4 = 20 k, then R3 = 10 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com