Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F23K22 Datasheet(PDF) 208 Page - Microchip Technology

Part # PIC18F23K22
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22 Datasheet(HTML) 208 Page - Microchip Technology

Back Button PIC18F23K22 Datasheet HTML 204Page - Microchip Technology PIC18F23K22 Datasheet HTML 205Page - Microchip Technology PIC18F23K22 Datasheet HTML 206Page - Microchip Technology PIC18F23K22 Datasheet HTML 207Page - Microchip Technology PIC18F23K22 Datasheet HTML 208Page - Microchip Technology PIC18F23K22 Datasheet HTML 209Page - Microchip Technology PIC18F23K22 Datasheet HTML 210Page - Microchip Technology PIC18F23K22 Datasheet HTML 211Page - Microchip Technology PIC18F23K22 Datasheet HTML 212Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 492 page
background image
PIC18(L)F2X/4XK22
DS41412B-page 208
Preliminary
 2010 Microchip Technology Inc.
The I2C interface supports the following modes and
features:
•Master mode
• Slave mode
• Byte NACKing (Slave mode)
• Limited Multi-master support
• 7-bit and 10-bit addressing
• Start and Stop interrupts
• Interrupt masking
• Clock stretching
• Bus collision detection
• General call address matching
•Address masking
• Address Hold and Data Hold modes
• Selectable SDAx hold times
Figure 15-2 is a block diagram of the I2C interface
module in Master mode. Figure 15-3 is a diagram of the
I2C interface module in Slave mode.
The PIC18(L)F2X/4XK22 has two MSSP modules,
MSSP1 and MSSP2, each module operating indepen-
dently from the other.
FIGURE 15-2:
MSSPx BLOCK DIAGRAM (I2C™ MASTER MODE)
Note 1: In devices with more than one MSSP
module, it is very important to pay close
attention to SSPxCONx register names.
SSP1CON1 and SSP1CON2 registers
control different operational aspects of the
same module, while SSP1CON1 and
SSP2CON1 control the same features for
two different modules.
2: Throughout
this
section,
generic
references to an MSSP module in any of
its operating modes may be interpreted as
being equally applicable to MSSP1 or
MSSP2. Register names, module I/O
signals, and bit names may use the
generic designator ‘x’ to indicate the use
of a numeral to distinguish a particular
module when required.
Read
Write
SSPxSR
Start bit, Stop bit,
Start bit Detect,
SSPxBUF
Internal
Data Bus
Set/Reset: S, P, SSPxSTAT, WCOL, SSPxOV
Shift
Clock
MSb
LSb
SDAx
Acknowledge
Generate (SSPxCON2)
Stop bit Detect
Write Collision Detect
Clock Arbitration
State Counter for
end of XMIT/RCV
SCLx
SCLx in
Bus Collision
SDAx in
[SSPxM 3:0]
Baud Rate
Reset SEN, PEN (SSPxCON2)
Generator
(SSPxADD)
Address Match Detect
Set SSPxIF, BCLxIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com