Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F23K22 Datasheet(PDF) 210 Page - Microchip Technology

Part # PIC18F23K22
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22 Datasheet(HTML) 210 Page - Microchip Technology

Back Button PIC18F23K22 Datasheet HTML 206Page - Microchip Technology PIC18F23K22 Datasheet HTML 207Page - Microchip Technology PIC18F23K22 Datasheet HTML 208Page - Microchip Technology PIC18F23K22 Datasheet HTML 209Page - Microchip Technology PIC18F23K22 Datasheet HTML 210Page - Microchip Technology PIC18F23K22 Datasheet HTML 211Page - Microchip Technology PIC18F23K22 Datasheet HTML 212Page - Microchip Technology PIC18F23K22 Datasheet HTML 213Page - Microchip Technology PIC18F23K22 Datasheet HTML 214Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 492 page
background image
PIC18(L)F2X/4XK22
DS41412B-page 210
Preliminary
 2010 Microchip Technology Inc.
15.2
SPI Mode Overview
The Serial Peripheral Interface (SPI) bus is a
synchronous serial data communication bus that
operates in Full-Duplex mode. Devices communicate
in a master/slave environment where the master device
initiates the communication. A slave device is
controlled through a chip select known as Slave Select.
The SPI bus specifies four signal connections:
• Serial Clock (SCKx)
• Serial Data Out (SDOx)
• Serial Data In (SDIx)
• Slave Select (SSx)
Figure 15-1 shows the block diagram of the MSSPx
module when operating in SPI Mode.
The SPI bus operates with a single master device and
one or more slave devices. When multiple slave
devices are used, an independent Slave Select
connection is required from the master device to each
slave device.
Figure 15-4 shows a typical connection between a
master device and multiple slave devices.
The master selects only one slave at a time. Most slave
devices have tri-state outputs so their output signal
appears disconnected from the bus when they are not
selected.
Transmissions involve two shift registers, eight bits in
size, one in the master and one in the slave. With either
the master or the slave device, data is always shifted
out one bit at a time, with the Most Significant bit (MSb)
shifted out first. At the same time, a new Least
Significant bit (LSb) is shifted into the same register.
Figure 15-5 shows a typical connection between two
processors configured as master and slave devices.
Data is shifted out of both shift registers on the
programmed clock edge and latched on the opposite
edge of the clock.
The master device transmits information out on its
SDOx output pin which is connected to, and received
by, the slave’s SDIx input pin. The slave device trans-
mits information out on its SDOx output pin, which is
connected to, and received by, the master’s SDIx input
pin.
To begin communication, the master device first sends
out the clock signal. Both the master and the slave
devices should be configured for the same clock
polarity.
The master device starts a transmission by sending out
the MSb from its shift register. The slave device reads
this bit from that same line and saves it into the LSb
position of its shift register.
During each SPI clock cycle, a full-duplex data
transmission occurs. This means that at the same time,
the slave device is sending out the MSb from its shift
register and the master device is reading this bit from
that same line and saving it as the LSb of its shift
register.
After 8 bits have been shifted out, the master and slave
have exchanged register values.
If there is more data to exchange, the shift registers are
loaded with new data and the process repeats itself.
Whether the data is meaningful or not (dummy data),
depends on the application software. This leads to
three scenarios for data transmission:
• Master sends useful data and slave sends dummy
data.
• Master sends useful data and slave sends useful
data.
• Master sends dummy data and slave sends useful
data.
Transmissions may involve any number of clock
cycles. When there is no more data to be transmitted,
the master stops sending the clock signal and it
deselects the slave.
Every slave device connected to the bus that has not
been selected through its slave select line must disre-
gard the clock and transmission signals and must not
transmit out any data of its own.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com